Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP36GS Datasheet(PDF) 12 Page - Analog Devices

Part # TMP36GS
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP36GS Datasheet(HTML) 12 Page - Analog Devices

Back Button TMP36GS Datasheet HTML 8Page - Analog Devices TMP36GS Datasheet HTML 9Page - Analog Devices TMP36GS Datasheet HTML 10Page - Analog Devices TMP36GS Datasheet HTML 11Page - Analog Devices TMP36GS Datasheet HTML 12Page - Analog Devices TMP36GS Datasheet HTML 13Page - Analog Devices TMP36GS Datasheet HTML 14Page - Analog Devices TMP36GS Datasheet HTML 15Page - Analog Devices TMP36GS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 12 of 20
AVERAGE AND DIFFERENTIAL TEMPERATURE
MEASUREMENT
In many commercial and industrial environments, temperature
sensors often measure the average temperature in a building, or
the difference in temperature between two locations on a factory
floor or in an industrial process. The circuits in Figure 28 and
Figure 29 demonstrate an inexpensive approach to average and
differential temperature measurement.
In Figure 28, an OP193 sums the outputs of three temperature
sensors to produce an output voltage scaled by 10 mV/°C that
represents the average temperature at three locations. The circuit
can be extended to include as many temperature sensors as
required as long as the transfer equation of the circuit is
maintained. In this application, it is recommended that one
temperature sensor type be used throughout the circuit;
otherwise, the output voltage of the circuit cannot produce an
accurate reading of the various ambient conditions.
The circuit in Figure 29 illustrates how a pair of TMP3x sensors
used with an OP193 configured as a difference amplifier can
read the difference in temperature between two locations. In
these applications, it is always possible that one temperature
sensor is reading a temperature below that of the other sensor.
To accommodate this condition, the output of the OP193 is
offset to a voltage at one-half the supply via R5 and R6. Thus,
the output voltage of the circuit is measured relative to this
point, as shown in Figure 29. Using the TMP36, the output
voltage of the circuit is scaled by 10 mV/°C. To minimize the
error in the difference between the two measured temperatures,
a common, readily available thin-film resistor network is used
for R1 to R4.
OP193
0.1µF
2
3
4
6
7
VTEMP(AVG)
@ 10mV/°C FOR TMP35/TMP36
@ 20mV/°C FOR TMP37
2.7V < +VS < 5.5V
FOR R1 = R2 = R3 = R;
VTEMP(AVG) = 1 (TMP3x1 + TMP3x2 + TMP3x3)
3
R1
300kΩ
R2
300kΩ
R3
300kΩ
R4
7.5kΩ
R1
3
R4 = R6
R6
7.5kΩ
R5
100kΩ
R5 =
TMP3x
TMP3x
TMP3x
+
Figure 28. Configuring Multiple Sensors for
Average Temperature Measurements
TMP36
@ T1
0.1µF
0.1µF
2
3
4
6
7
OP193
1µF
VOUT
R31
R41
R21
R11
2.7V < +VS < 5.5V
TMP36
@ T2
R5
100kΩ
R6
100kΩ
VOUT = T2 – T1 @ 10mV/°C
VS
2
NOTE:
1 R1–R4, CADDOCK T914–100k–100, OR EQUIVALENT.
0.1µF
R7
100kΩ
R8
25kΩ
R9
25kΩ
0°C ≤ TA ≤ 125°C
CENTERED AT
CENTERED AT
+
Figure 29. Configuring Multiple Sensors for
Differential Temperature Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com