Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFFR3501 Datasheet(PDF) 2 Page - FCI connector

Part # PFFR3501
Description  35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

PFFR3501 Datasheet(HTML) 2 Page - FCI connector

  PFFR3501 Datasheet HTML 1Page - FCI connector PFFR3501 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Ambient, Jedec Method.
3. When Mounted to heat sink, from body.
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
60
40
20
025 50 75 100
150
125
175
Lead Temperature (°°°°°C)
Single Phase ½ Wave
Res. or Ind. Load
50
30
20
10
5
Typical Reverse Characteristics
T
J = 100°°
°°°C
T
J = 25°°
°°°C
10
80
40
120
1
.1
.01
.001
T
J = 25°°
°°°C
T
J = 150°°
°°°C
Non-Repetitive
Peak Forward Surge Current
1000
500
200
100
50
10
.1
1
10
100
Percent of
Rated Peak
Voltage
T
J = 150°°
°°°C PW = 300 µµ
µµ
µs
Typical Instantaneous Forward Characteristics
1000
100
10
1
.1
.6 .9 1.1 1.4
2.6
2.3
2.0
Forward
Voltage (V)
Typical Junction Capacitance
1000
500
200
100
50
10
.1
1
10
100
Reverse Voltage (V)
T
J = 25 °°
°°°C
F = 1 MHz
V
SIG = 50 Vpp
Number of Cycles @ 60 Hz
1.7
10
Capacitive Load
I
PK/AV = 5, 10 & 20
35Amp Flag Pressfit
1.0mm LEAD Auto Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com