Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4486 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4486
Description  N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4486 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4486 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4486 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4486 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Right Angle Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .718 inch Hole Spacing
N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole
Spacing
Configuration
Connector
N Female
Connector Specification
MIL-STD-348
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.46 [37.08]
Width/Dia., in [mm]
1 [25]
Height, in [mm]
1.405 [35.69]
.
Weight, lbs [g]
0.137 [62.14]
Connector
Type
N Female
Contact Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal,
.718 inch Hole Spacing PE4486
PE4486
PE4486 REV


Similar Part No. - PE4486

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4486 PASTERNACK-PE4486 Datasheet
327Kb / 3P
N Female Right Angle Connector Solder Attachment
PE4486 PASTERNACK-PE4486_16 Datasheet
327Kb / 3P
N Female Right Angle Connector Solder Attachment
More results

Similar Description - PE4486

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4013 PASTERNACK-PE4013 Datasheet
244Kb / 2P
N FEMALE Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .718 inch Hole SPACING
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4487 PASTERNACK-PE4487 Datasheet
212Kb / 2P
N Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com