Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5160BRJZ10-R22 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5160BRJZ10-R22
Description  256-Position SPI-Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJZ10-R22 Datasheet(HTML) 2 Page - Analog Devices

  AD5160BRJZ10-R22 Datasheet HTML 1Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 2Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 3Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 4Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 5Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 6Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 7Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 8Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD5160
Rev. B | Page 2 of
16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Pin Configuration............................................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 kΩ Version.................................. 3
 
10 kΩ, 50 kΩ, 100 kΩ Versions .................................................. 4
 
Timing Characteristics—All Versions ....................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ..............................................8
 
Test Circuits..................................................................................... 12
 
SPI Interface .................................................................................... 13
 
Theory of Operation ...................................................................... 14
 
Programming the Variable Resistor......................................... 14
 
Programming the Potentiometer Divider............................... 15
 
SPI-Compatible 3-Wire Serial Bus........................................... 15
 
ESD Protection ........................................................................... 15
 
Power-Up Sequence ................................................................... 15
 
Layout and Power Supply Bypassing ....................................... 15
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 16
 
REVISION HISTORY
5/09—Rev. A to Rev. B
Changes to Ordering Guide .......................................................... 16
1/09—Rev. 0 to Rev. A
Deleted Shutdown Supply Current Parameter and
Endnote 7, Table 1 ............................................................................ 3
Changes to Resistor Noise Voltage Density Parameter,
Table 1 ................................................................................................ 3
Deleted Shutdown Supply Current Parameter and
Endnote 7, Table 2 ............................................................................ 4
Changes to Resistor Noise Voltage Density Parameter,
Table 2 ................................................................................................ 4
Added Endnote to Table 3 ............................................................... 5
Changes to Table 4............................................................................ 6
Changes to the Rheostat Operation Section ............................... 14
Deleted Terminal Voltage Operating Range Section and
Figure 41, Renumbered Figures Sequentially ............................. 13
Changes to Figure 40 and Figure 41............................................. 15
Changes to Ordering Guide .......................................................... 16
5/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com