Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4000-1ARZ-R71 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4000-1ARZ-R71
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-1ARZ-R71 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4000-1ARZ-R71 Datasheet HTML 8Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 9Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 10Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 11Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 12Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 13Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 14Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 15Page - Analog Devices ADA4000-1ARZ-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Rev. A | Page 14 of 16
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
45°
Figure 39. 14-Lead Standard Small Outline Package [SOIC_N]
(R-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADA4000-1ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-1ARZ-R71
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-1ARZ-RL1
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-1AUJZ-R21
−40°C to +125°C
5-Lead TSOT
UJ-5
A14
ADA4000-1AUJZ-R71
−40°C to +125°C
5-Lead TSOT
UJ-5
A14
ADA4000-1AUJZ-RL1
−40°C to +125°C
5-Lead TSOT
UJ-5
A14
ADA4000-2ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-2ARZ-R71
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-2ARZ-RL1
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-2ARMZ1
−40°C to +125°C
8-Lead MSOP
RM-8
A1H
ADA4000-2ARMZ-RL1
−40°C to +125°C
8-Lead MSOP
RM-8
A1H
ADA4000-4ARZ1
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4000-4ARZ-R71
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4000-4ARZ-RL1
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4000-4ARUZ1
−40°C to +125°C
14-Lead TSSOP
RU-14
ADA4000-4ARUZ-RL1
−40°C to +125°C
14-Lead TSSOP
RU-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com