Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8000HIL Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ8000HIL
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000HIL Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ8000HIL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AOZ8000
Rev. 2.4 July 2010
www.aosmd.com
Page 7 of 15
Package Dimensions, SC70-6L
e1
D
E1
E
A
A2
A1
b
c
L
e
θ
0.15mm
0.65
0.35
1.95
0.65
.010mm
Gauge Plane
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 3 mils.
4. Die is facing up for mold and facing down for trim/form; i.e., reverse trim/form.
5. Dimension L is measured in gauge plane.
6. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Symbols
A
A1
A2
b
c
D
E
e
e1
E1
L
θ
Dimensions in millimeters
Min.
0.00
0.7
0.15
0.08
1.85
1.80
1.1
0.26
0
°
Nom.
0.9
2.10
2.30
0.65 BSC
1.30 BSC
1.30
0.36
4
°
Max.
1.10
0.10
1.00
0.30
0.22
2.15
2.40
1.4
0.46
8
°
Symbols
A
A1
A2
b
c
D
E
e
e1
E1
L
θ
Dimensions in inches
Min.
0.00
0.028
0.006
0.003
0.073
0.071
0.043
0.010
0
°
Nom.
0.035
0.083
0.091
0.026 BSC
0.051 BSC
0.051
0.014
4
°
Max.
0.043
0.004
0.039
0.012
0.009
0.085
0.094
0.055
0.018
8
°
UNIT: mm
RECOMMENDED LAND PATTERN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com