Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF43 Datasheet(PDF) 1 Page - Analog Devices

Part # REF43
Description  2.5 V Low Power Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF43 Datasheet(HTML) 1 Page - Analog Devices

  REF43_04 Datasheet HTML 1Page - Analog Devices REF43_04 Datasheet HTML 2Page - Analog Devices REF43_04 Datasheet HTML 3Page - Analog Devices REF43_04 Datasheet HTML 4Page - Analog Devices REF43_04 Datasheet HTML 5Page - Analog Devices REF43_04 Datasheet HTML 6Page - Analog Devices REF43_04 Datasheet HTML 7Page - Analog Devices REF43_04 Datasheet HTML 8Page - Analog Devices REF43_04 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
REF43
+2.5 V Low Power Precision
Voltage Reference
FEATURES
PIN CONFIGURATION
GENERAL DESCRIPTION
The REF43 is a low power precision reference providing a
stable 2.5 V output independent of variations in supply voltage,
load conditions or ambient temperature. It is suitable as a
reference level for 8-, 10- and 12-bit data acquisition systems,
or wherever a stable, known voltage is required.
SIMPLIFIED SCHEMATIC
ORDERING GUIDE
Number of
Initial
Temperature
Package
Package
Part per
Temperature
Model
Accuracy
Coefficient
Description
Option
Reel/Tray
Range
REF43FZ
0.06%
10ppm/
∞C
8-Pin Hermetic DIP
Q-8
48
–40
∞C to +85∞C
REF43GZ
0.10%
25ppm/
∞C
8-Pin Hermetic DIP
Q-8
48
–40
∞C to +85∞C
REF43GP
0.10%
25ppm/
∞C
8-Pin Plastic DIP
N-8
50
–40
∞C to +85∞C
REF43GS
0.10%
25ppm/
∞C
8-Pin SOIC
R-8
98
–40
∞C to +85∞C
REF43GS-REEL
0.10%
25ppm/
∞C
8-Pin SOIC
R-8
2,500
–40
∞C to +85∞C
REF43GS-REEL7
0.10%
25ppm/
∞C
8-Pin SOIC
R-8
1,000
–40
∞C to +85∞C
REF43GSZ
*
0.10%
25ppm/
∞C
8-Pin SOIC
R-8
98
–40
∞C to +85∞C
REF43GSZ-REEL7
*
0.10%
25ppm/
∞C
8-Pin SOIC
R-8
1,000
–40
∞C to +85∞C
REF43NBC
0.20%
Die
221
*Z = Pb-free part.
Tight output tolerances and low thermal drift are assured by
zener-zap trimming of both output voltage and its temperature
coefficient. A unique curvature correction circuit reduces the
thermal curvature which is characteristic of many previous
bandgap references.
TEMP
VIN
VOUT
TRIM
GROUND


Similar Part No. - REF43_04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF43BJ AD-REF43BJ Datasheet
498Kb / 12P
2.5V Low Power Precision Voltage Reference
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
REF43BRC/883 AD-REF43BRC/883 Datasheet
498Kb / 12P
2.5V Low Power Precision Voltage Reference
REF43BZ AD-REF43BZ Datasheet
498Kb / 12P
2.5V Low Power Precision Voltage Reference
REF43FJ AD-REF43FJ Datasheet
498Kb / 12P
2.5V Low Power Precision Voltage Reference
More results

Similar Description - REF43_04

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM368-2.5 NSC-LM368-2.5 Datasheet
134Kb / 8P
LM368-2.5 Precision Voltage Reference
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
2.5 V Precision Reference / Amplifier
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 5
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com