Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW63-4G Datasheet(PDF) 35 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 35 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
35
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
6109, 6110
Low cost channel style heat sink featuring integrated alignment tabs
Low cost channel style heat sink features
integrated alignment tabs to prevent the
device from rotating while applying torque
to the mounting hardware. Available in two
lengths with a pre-black anodized finish.
10.92
(0.430)
11.68
(0.460)
8.89
(0.350)
29.97
(1.180)
12.70
(0.500)
AT BASE
25.40
(1.000)
3.81
(0.150)
ø
Part Number
Description
Figure
6109PBG
Low cost channel heat sink with device locating tabs
A
6110PBG
Low cost channel heat sink with device locating tabs
B
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
1
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
6110
6109
ORDERING INFORMATION
19.05
(0.750) 13.34
(0.525)
6.35
(0.250)
3.81
(0.150)
6.60
(0.260)
3.81
(0.150)
3.81
(0.150)
1.27
(0.050)
9.52
(0.375)
ø
CL
13.21
(0.520)
AT BASE
Part Number
Description
7178DG
Narrow channel copper heat sink
2.54 (0.100)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
8
6
2
4
0
0
400
200
600
800
1000
Copper narrow channel style heat sink
includes a single integrated tab to allow
easy attachment to the PC board. Tin plated
finish ensures easy solderability.
7178
Copper narrow channel style heat sink with a single integrated tab
7136, 7139
Copper channel style slide on heat sink featuring integrated mounting clip
Copper channel style slide on heat
sink features integrated mounting
clip for easy no hardware attach-
ment to the device. Also includes
solderable mounting tabs for easy
attachment to the PC board.
21.54
(0.848)
1.27
(0.050)
13.08
(0.515)
13.21
(0.520)
2.79
(0.110)
4.19
(0.165)
2x
1.27
(0.050)
2x
2x
17.78
(0.700)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
1
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
7139
7136
Part Number
Description
Figure
7136DG
Vertical mount
A
2.54 (0.100)
7139DG
Horizontal mount
B
2.54 (0.100)
ORDERING INFORMATION
19.81
(0.780)
14.86
(0.580)
13.08
(0.515)
2.79
(0.110)
13.21
(0.520)
2.03
(0.080)
Top is cut away
to show detail
16.51
(0.650)
Material: 1.27 (0.050) Thick Aluminum
Finish: Pre-Black Anodize*
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
Position
Code
Description
Details
A
MT
Solderable mounting tabs
Page 93
Dia of PCB
Plated Thru
Hole for Tabs
* Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
10.92
(0.430)
AT BASE
25.40
(1.000)
5.72
(0.225)
8.89
(0.350)
3.81
(0.150)
18.03
(0.710)
12.70
(0.500)
ø
CL
POPULAR OPTIONS:
Base part no.
A
61_ _PB -
G
For additional options see page 85
FIGURE A
FIGURE B
FIGURE A
FIGURE B
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com