Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA006 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC24FJ64GA006
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA006 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC24FJ64GA006 Datasheet HTML 93Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 94Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 95Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 96Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 97Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 98Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 99Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 100Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 258 page
background image
 2005-2012 Microchip Technology Inc.
DS39747F-page 97
PIC24FJ128GA010 FAMILY
8.0
OSCILLATOR
CONFIGURATION
The oscillator system for PIC24FJ128GA010 family
devices has the following features:
• A total of four external and internal oscillator options
as clock sources, providing 11 different clock modes
• On-chip 4x PLL to boost internal operating frequency
on select internal and external oscillator sources
• Software-controllable switching between various
clock sources
• Software-controllable postscaler for selective
clocking of CPU for system power savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and permits safe application recovery
or shutdown
A simplified diagram of the oscillator system is shown
in Figure 8-1.
FIGURE 8-1:
PIC24FJ128GA010 FAMILY CLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. Refer to Section 6. “Oscillator”
(DS39700)
in
the
“PIC24F
Family
Reference Manual”
for more information.
PIC24FJ128GA010 Family
Secondary Oscillator
SOSCEN
Enable
Oscillator
SOSCO
SOSCI
Clock Source Option
for Other Modules
OSC2
OSC1
Primary Oscillator
XTPLL, HSPLL,
XT, HS, EC
CPU
Peripherals
CLKDIV<10:8>
WDT, PWRT
8 MHz
FRCDIV
31 kHz (Nominal)
FRC
Oscillator
LPRC
Oscillator
SOSC
LPRC
Clock Control Logic
Fail-Safe
Clock
Monitor
CLKDIV<14:12>
FRC
ECPLL, FRCPLL
CLKO
(Nominal)
4 x PLL
8 MHz/
4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com