Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8710AI Datasheet(PDF) 15 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 15 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 11Page - SMSC Corporation LAN8710AI Datasheet HTML 12Page - SMSC Corporation LAN8710AI Datasheet HTML 13Page - SMSC Corporation LAN8710AI Datasheet HTML 14Page - SMSC Corporation LAN8710AI Datasheet HTML 15Page - SMSC Corporation LAN8710AI Datasheet HTML 16Page - SMSC Corporation LAN8710AI Datasheet HTML 17Page - SMSC Corporation LAN8710AI Datasheet HTML 18Page - SMSC Corporation LAN8710AI Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
15
Revision 1.4 (08-23-12)
DATASHEET
1
Ethernet
TX/RX
Positive
Channel 2
RXP
AIO
Transmit/Receive Positive Channel 2
1
Ethernet
TX/RX
Negative
Channel 2
RXN
AIO
Transmit/Receive Negative Channel 2
Table 2.5 Miscellaneous Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
External
Crystal
Input
XTAL1
ICLK
External crystal input
External
Clock Input
CLKIN
ICLK
Single-ended clock oscillator input.
Note:
When using a single ended clock
oscillator, XTAL2 should be left
unconnected.
1
External
Crystal
Output
XTAL2
OCLK
External crystal output
1
External
Reset
nRST
VIS
(PU)
System reset. This signal is active low.
Table 2.6 Analog Reference Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
External 1%
Bias Resistor
Input
RBIAS
AI
This pin requires connection of a 12.1k ohm (1%)
resistor to ground.
Refer to the LAN8710A/LAN8710Ai reference
schematic for connection information.
Note:
The nominal voltage is 1.2V and the
resistor will dissipate approximately
1mW of power.
Table 2.4 Ethernet Pins (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com