Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9500I Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN9500I
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500I Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN9500I Datasheet HTML 5Page - SMSC Corporation LAN9500I Datasheet HTML 6Page - SMSC Corporation LAN9500I Datasheet HTML 7Page - SMSC Corporation LAN9500I Datasheet HTML 8Page - SMSC Corporation LAN9500I Datasheet HTML 9Page - SMSC Corporation LAN9500I Datasheet HTML 10Page - SMSC Corporation LAN9500I Datasheet HTML 11Page - SMSC Corporation LAN9500I Datasheet HTML 12Page - SMSC Corporation LAN9500I Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
9
Revision 1.1 (04-18-13)
DATASHEET
Chapter 2 Introduction
2.1
Block Diagram
2.1.1
Overview
The LAN950x is a high performance Hi-Speed USB 2.0 to 10/100 Ethernet controller. With applications
ranging from embedded systems, set-top boxes, and PVR’s, to USB port replicators, USB to Ethernet
dongles, and test instrumentation, the device is a high performance and cost competitive USB to
Ethernet connectivity solution.
The LAN950x contains an integrated 10/100 Ethernet PHY, USB PHY, Hi-Speed USB 2.0 device
controller, 10/100 Ethernet MAC, TAP controller, EEPROM controller, and a FIFO controller with a total
of 30 KB of internal packet buffering.
The internal USB 2.0 device controller and USB PHY are compliant with the USB 2.0 Hi-Speed
standard. The device implements Control, Interrupt, Bulk-in, and Bulk-out USB Endpoints.
The Ethernet controller supports auto-negotiation, auto-polarity correction, HP Auto-MDIX, and is
compliant with the IEEE 802.3 and IEEE 802.3u standards. An external MII interface provides support
for an external Fast Ethernet PHY, HomePNA, and HomePlug functionality.
Multiple power management features are provided, including various low power modes and "Magic
Packet", "Wake On LAN", and "Link Status Change" wake events. These wake events can be
programmed to initiate a USB remote wakeup.
An internal EEPROM controller exists to load various USB configuration information and the device
MAC address. The integrated IEEE 1149.1 compliant TAP controller provides boundary scan via JTAG.
Figure 2.1 System Diagram
TAP
Controller
EEPROM
Controller
USB 2.0
Device
Controller
SRAM
Ethernet
PHY
10/100
Ethernet
MAC
FIFO
Controller
USB
PHY
LAN950x
MII: To optional
external PHY
Ethernet
EEPROM
JTAG
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com