Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA00SFP Datasheet(PDF) 10 Page - Rohm

Part # BA00SFP
Description  Regulator, low drop-out type with ON/OFF switch BA??ST / BA??SFP series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00SFP Datasheet(HTML) 10 Page - Rohm

Back Button BA00SFP Datasheet HTML 3Page - Rohm BA00SFP Datasheet HTML 4Page - Rohm BA00SFP Datasheet HTML 5Page - Rohm BA00SFP Datasheet HTML 6Page - Rohm BA00SFP Datasheet HTML 7Page - Rohm BA00SFP Datasheet HTML 8Page - Rohm BA00SFP Datasheet HTML 9Page - Rohm BA00SFP Datasheet HTML 10Page - Rohm BA00SFP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BA
ΟΟST / BAΟΟSFP series
Regulator ICs
10/11
(Pin A)
(Pin A)
Resistor
P substrate
N
GND
GND
N
P
N
P
+
P
+
Parasitic elements
Parasitic elements
(Pin B)
Transistor (NPN)
P substrate
N
C
B
E
GND
N
N
P
N
P
+
P
+
Parasitic elements
Parasitic elements
GND
(Pin B)
GND
C
E
B
Other approaching
elements
The example of a simple architecture of bipolar IC
!
!
!
!
Electrical characteristic curves
(3)6.5
(4)2.0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta(˚C)
25
20
15
10
5
Fig. 7 Thermal derating curves
(TO220FP-5)
(1) Infinite heat sink
(2) Alumina PCB, 100
×100×2 mm
2
(3) Alumina PCB, 50
×50×2 mm
2
(4) IC alone
(1)22.0
(2)11.0
12.5
10
7.5
5
2.5
0
25
50
75
100
125
150
(1) Infinite heat sink is used
θj-c=12.5 (ºC/W)
(2) IC simple substance
θj-a=125.0 (ºC/W)
(2)1.0
AMBIENT TEMPERATURE : Ta (ºC)
(1)10.0
Fig.8 Thermal derating curves
(TO252-5)
JUNCTION TEMPERATURE : Tj (˚C)
0
1
2
3
4
5
25
50
75
100
125
150
175
200
6
VCC=10V IOUT=0
BA05ST
Fig.9 Thermal cutoff circuit
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com