Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA06ST Datasheet(PDF) 1 Page - Rohm

Part # BA06ST
Description  Regulator, low drop-out type with ON/OFF switch BA??ST / BA??SFP series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA06ST Datasheet(HTML) 1 Page - Rohm

  BA06ST Datasheet HTML 1Page - Rohm BA06ST Datasheet HTML 2Page - Rohm BA06ST Datasheet HTML 3Page - Rohm BA06ST Datasheet HTML 4Page - Rohm BA06ST Datasheet HTML 5Page - Rohm BA06ST Datasheet HTML 6Page - Rohm BA06ST Datasheet HTML 7Page - Rohm BA06ST Datasheet HTML 8Page - Rohm BA06ST Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BA
ΟΟST / BAΟΟSFP series
Regulator ICs
1/11
Regulator, low drop-out type with ON/OFF
switch
BA
Ο
Ο
Ο
ΟΟ
Ο
Ο
ΟST / BAΟ
Ο
Ο
ΟΟ
Ο
Ο
ΟSFP series
The BA
ΟΟST and BAΟΟSFP series are variable, fixed output low drop-out type voltage regulators with an ON/OFF
switch.
These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
Fixed output voltages are 3.3V, 5V, 6V(SFP), 7V, 8V, 9V, 10V(ST), 12V(ST). The maximum current capacity is 1 A for
each of the above voltages.
!
Application
Constant voltage power supply
!
!
!
!
Features
1) Built-in overvoltage protection circuit, overcurrent protection circuit and thermal shutdown circuit
2) TO220FP-5, TO252-5 standard packages can be accomodated in wide application.
3) 0
µA (design value) circuit current when switch is off
4) Richly diverse lineup.
5) Low minimum I/O voltage differential.
!
!
!
!
Product codes
Output voltage (V)
Product No.
Output voltage (V)
Product No.
Variable
BA00AST / ASFP
8.0
BA08ST / SFP
9.0
BA09ST / SFP
3.3
BA033ST / SFP
10.0
BA10ST
5.0
BA05ST / SFP
12.0
BA12ST
6.0
BA06SFP
7.0
BA07ST / SFP
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
35
V
Power dissipation
Pd
2000
*1
TO220FP-5
TO252-5
1000
*2
mW
Operating temperature
Topr
-40~+85
˚C
Storage temperature
Tstg
-55~+150
˚C
Peak applied voltage
Vsurge
50 *3
V
*1 Reduced by 16mW for each increase in Ta of 1˚C over 25˚C.
*2 Reduced by 8mW for each increase in Ta of 1˚C over 25˚C.
*3 Voltage application time : 200 msec. or less


Similar Part No. - BA06ST

ManufacturerPart #DatasheetDescription
logo
Rohm
BA06SFP ROHM-BA06SFP Datasheet
119Kb / 10P
Regulator, low drop-out type with ON/OFF switch
More results

Similar Description - BA06ST

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
Low saturation voltage type regulator with ON / OFF switch
BA00ST ROHM-BA00ST Datasheet
119Kb / 10P
Regulator, low drop-out type with ON/OFF switch
logo
TOKO, Inc
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Rohm
BA00ASFP-E2 ROHM-BA00ASFP-E2 Datasheet
129Kb / 11P
Regulator, low drop-out type with ON/OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com