Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA602AM Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA602AM
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602AM Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA602AM Datasheet HTML 3Page - Texas Instruments OPA602AM Datasheet HTML 4Page - Texas Instruments OPA602AM Datasheet HTML 5Page - Texas Instruments OPA602AM Datasheet HTML 6Page - Texas Instruments OPA602AM Datasheet HTML 7Page - Texas Instruments OPA602AM Datasheet HTML 8Page - Texas Instruments OPA602AM Datasheet HTML 9Page - Texas Instruments OPA602AM Datasheet HTML 10Page - Texas Instruments OPA602AM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
OPA602
7
SBOS155A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = ±15VDC, unless otherwise noted.
POWER-SUPPLY REJECTION vs FREQUENCY
140
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
+
–
COMMON-MODE REJECTION vs FREQUENCY
140
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
APPLICATIONS INFORMATION
Unity-gain stability with good phase margin and excellent
output drive characteristics bring freedom from the subtle
problems associated with other high-speed amplifiers. How-
ever, as with any high-speed, wide bandwidth circuitry, care-
ful circuit layout will ensure best performance. Make short,
direct interconnections and avoid stray wiring capacitance—
especially at the inverting input pin.
Power supplies should be bypassed with good high-frequency
capacitors positioned close to the op amp pins. In most cases
0.1
µF ceramic capacitors are adequate. Applications with
heavier loads and fast transient waveforms may benefit from
use of additional 1.0
µF tantalum bypass capacitors.
INPUT BIAS CURRENT GUARDING
Leakage currents across printed circuit boards can easily
exceed the input bias current of the OPA602. A circuit board
“guard” pattern, as shown in Figure 1, is an effective solution
to difficult leakage problems. This guard pattern must be
repeated on all layers of a multilayer board. By surrounding
critical high impedance input circuitry with a low impedance
circuit connection at the same potential, leakage currents will
flow harmlessly to the low-impedance node.
Input bias current may also be degraded by improper han-
dling or cleaning. Contamination from handling parts and
circuit boards may be cleaned with appropriate solvents and
deionized water. Each rinsing operation should be followed
by a 30-minute bake at +85
°C.
Board Layout for Input Guarding:
Guard top and bottom of board.
Alternate—use Teflon® standoff for sensitive input pins.
Teflon® E.I. Du Pont de Nemours & Co.
FIGURE 1. Connection of Input Guard.
2
3
In
Noninverting
6
Out
2
3
In
Inverting
6
Out
2
3
In
Buffer
6
Out
OPA602
OPA602
OPA602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com