Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA602AM2 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA602AM2
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602AM2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA602AM2 Datasheet HTML 4Page - Texas Instruments OPA602AM2 Datasheet HTML 5Page - Texas Instruments OPA602AM2 Datasheet HTML 6Page - Texas Instruments OPA602AM2 Datasheet HTML 7Page - Texas Instruments OPA602AM2 Datasheet HTML 8Page - Texas Instruments OPA602AM2 Datasheet HTML 9Page - Texas Instruments OPA602AM2 Datasheet HTML 10Page - Texas Instruments OPA602AM2 Datasheet HTML 11Page - Texas Instruments OPA602AM2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OPA602
8
SBOS155A
www.ti.com
VV
BB
B
B
VV
V
VV
OUT
REF
REF
OUT
REF
=−
+
+
+
+


−≤
≤ +
≤≤ −
12
3
12
2
4
8
4096
10
10
0
4095
4096
L
Where: BN = 1 if the BN digital input is high.
BN = 0 if the BN digital input is low.
APPLICATION CIRCUITS
FIGURE 2. Offset Voltage Trim.
FIGURE 3. Voltage Output Digital-to-Analog Converter.
3
6
2
OPA602
5
1
4
7
+V
S
–V
S
(1)
±10mV Typical
Trim Range
2
OPA602
V
OUT
4
5 6 7
8
9 10 11 12 13 14 15
DAC7541A
16
17
V
REFERENCE
+15V
Out 2
R
F
Out 1
C
1 15pF
3
–V
CC
B
1
••
•
•
•
•
•
•
•
• B
12
MSB
1
18
Single-Point Ground
100k
Ω
FIGURE 4. Settling Time and Slew Rate Test Circuit.
Output
+15V
2k
Ω
47pF
2k
Ω
–15V
OPA602
High-Quality
Pulse Generator
Pulse In
±5V
2k
Ω
1
µF Tantalum
1
µF Tantalum
+
+
2k
Ω
51
Ω
C
L
500pF
1
µF
+
+
+
1
µF
1
µF
1
µF
(2)
HP 5082-2835
+15V
1/2 2N5564
1/2 2N5564
–15V
+
510
Ω
510
Ω
50
Ω
Error Out
±0.5mV
(0.01%)
NOTE: (1) 10k
Ω to 1MΩ trim potentiometer (100kΩ recommended).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com