Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114T Datasheet(PDF) 7 Page - Rohm

Part # DTA114T
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114T Datasheet(HTML) 7 Page - Rohm

Back Button DTA114T Datasheet HTML 2Page - Rohm DTA114T Datasheet HTML 3Page - Rohm DTA114T Datasheet HTML 4Page - Rohm DTA114T Datasheet HTML 5Page - Rohm DTA114T Datasheet HTML 6Page - Rohm DTA114T Datasheet HTML 7Page - Rohm DTA114T Datasheet HTML 8Page - Rohm DTA114T Datasheet HTML 9Page - Rohm DTA114T Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA114T series
lDimensions
(Unit : mm)
Dimension in mm/inches
UMT3F
Patterm of terminal position areas
D
b
e
x
S A
c
S
e
b2
A
MIN
MAX
MIN
MAX
A
0.85
1.05
0.033
0.041
A1
0.00
0.10
0
0.004
A2
0.80
1.00
0.031
0.039
b
0.27
0.42
0.011
0.017
c
0.08
0.18
0.003
0.007
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L
Lp
0.43
0.63
0.017
0.025
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.52
-
0.02
l1
-
0.83
-
0.033
INCHES
0.65
0.03
0.02
DIM
MILIMETERS
0.425
DIM
MILIMETERS
INCHES
1.47
0.058
7/9
2012.04 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com