| Electronic Components Datasheet Search |
|
M24C04-F Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-F Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 38 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 DC and AC parameters Doc ID 5067 Rev 17 21/38 Table 9. DC characteristics (M24Cxx-W, device grade 6) Symbol Parameter Test conditions (in addition to those in Table 6) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode - ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC -± 2 µA ICC Supply current VCC = 5 V, fc = 400 kHz (rise/fall time < 50 ns) -2 mA VCC = 2.5 V, fc = 400 kHz (rise/fall time < 50 ns) -1 mA ICC1 Standby supply current Device not selected(1), VIN = VSS or VCC, for 2.5 V < VCC ≤ 5.5 V 1. The device is not selected after a power-up, after a read command (after the Stop condition), or after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command). -1 µA VIL Input low voltage (SDA, SCL, WC) –0.45 0.3VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+1 V VOL Output low voltage IOL = 2.1 mA when VCC = 2.5 V or IOL = 3 mA when VCC = 5.5 V -0.4 V Table 10. DC characteristics (M24Cxx-W, device grade 3) Symbol Parameter Test condition (in addition to those in Table 6) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode -± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC -± 2 µA ICC Supply current VCC = 5 V, fC= 400 kHz (rise/fall time < 50 ns) -3 mA VCC = 2.5 V, fC = 400 kHz (rise/fall time < 50 ns) -3 mA ICC1 Standby supply current Device not selected(1), VIN = VSS or VCC, VCC = 5 V 1. The device is not selected after a power-up, after a read command (after the Stop condition), or after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command). -5 µA Device not selected(1), VIN = VSS or VCC, VCC = 2.5 V -2 µA VIL Input low voltage (SDA, SCL, WC) –0.45 0.3VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+1 V VOL Output low voltage IOL = 2.1 mA when VCC = 2.5 V or IOL = 3 mA when VCC = 5.5 V -0.4 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |