Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX12DP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX12DP
Description  0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX12DP Datasheet(HTML) 4 Page - Motorola, Inc

  MPX12DP Datasheet HTML 1Page - Motorola, Inc MPX12DP Datasheet HTML 2Page - Motorola, Inc MPX12DP Datasheet HTML 3Page - Motorola, Inc MPX12DP Datasheet HTML 4Page - Motorola, Inc MPX12DP Datasheet HTML 5Page - Motorola, Inc MPX12DP Datasheet HTML 6Page - Motorola, Inc MPX12DP Datasheet HTML 7Page - Motorola, Inc MPX12DP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX12 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX12D
344–15C
Stainless Steel Cap
MPX12DP
344C–01
Side with Part Marking
MPX12GP
344B–01
Side with Port Attached
MPX12GS
344E–01
Side with Port Attached
MPX12GSX
344F–01
Side with Port Attached
ORDERING INFORMATION
MPX12 series pressure sensors are available in differential and gauge configurations. Devices are available in the basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
Case 344–15
MPX12D
MPX12D
Ported Elements
Differential
Case 344C–01
MPX12DP
MPX12DP
Gauge
Case 344B–01
MPX12GP
MPX12GP
Gauge Stove Pipe
Case 344E–01
MPX12GS
MPX12D
Gauge Axial
Case 344F–01
MPX12GSX
MPX12D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com