| Electronic Components Datasheet Search |
|
M24C02-R Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-R Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 38 page ![]() Package mechanical data M24C16, M24C08, M24C04, M24C02, M24C01 30/38 Doc ID 5067 Rev 17 Figure 15. UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm, outline 1. Drawing is not to scale. 2. The central pad (the area E2 by D2 in the above illustration) is pulled, internally, to VSS. It must not be allowed to be connected to any other voltage or signal line on the PCB, for example during the soldering process. 3. The circle in the top view of the package indicates the position of pin 1. Table 21. UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm, data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Note Typ Min Max Typ Min Max A 0.550 0.450 0.600 0.0217 0.0177 0.0236 A1 0.020 0.000 0.050 0.0008 0.0000 0.0020 b 0.250 0.200 0.300 0.0098 0.0079 0.0118 D 2.000 1.900 2.100 0.0787 0.0748 0.0827 D2 (MB) 1.600 1.500 1.700 0.0630 0.0591 0.0669 D2 (MC) - 1.200 1.600 - 0.0472 0.0630 E 3.000 2.900 3.100 0.1181 0.1142 0.1220 E2 (MB) 0.200 0.100 0.300 0.0079 0.0039 0.0118 E2 (MC) - 1.200 1.600 - 0.0472 0.0630 e 0.500 - - 0.0197 - - K - 0.300 - - 0.0118 - L - 0.300 0.500 - 0.0118 0.0197 L1 - 0.150 - - 0.0059 L3 - 0.300 - - 0.0118 - eee 0.080 0.0031 (2) 2. Applied for exposed die paddle and terminals. Excludes embedding part of exposed die paddle from measuring. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |