Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F050C4T6A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F050C4T6A
Description  Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050C4T6A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F050C4T6A Datasheet HTML 5Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 6Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 7Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 8Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 9Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 10Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 11Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 12Page - STMicroelectronics STM32F050C4T6A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
STM32F050xx
Description
Doc ID 023683 Rev 1
9/97
2
Description
The STM32F050xx family incorporates the high-performance ARM Cortex™-M0 32-bit
RISC core operating at a 48 MHz maximum frequency, high-speed embedded memories
(Flash memory up to 32 Kbytes and SRAM up to 4 Kbytes), and an extensive range of
enhanced peripherals and I/Os. All devices offer standard communication interfaces (one
I2C, one SPI, one I2S, and one USART), one 12-bit ADC, up to five general-purpose 16-bit
timers, a 32-bit timer and an advanced-control PWM timer.
The STM32F050xx family operates in the -40 to +85 °C and -40 to +105 °C temperature
ranges, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving modes
allows the design of low-power applications.
The STM32F050xx family includes devices in five different packages ranging from 20 pins to
48 pins. Depending on the device chosen, different sets of peripherals are included. An
overview of the complete range of peripherals proposed in this family is provided.
These features make the STM32F050xx microcontroller family suitable for a wide range of
applications such as control application and user interfaces, handheld equipment, A/V
receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial applications,
PLCs, inverters, printers, scanners, alarm systems, video intercoms, and HVACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com