Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F051K8U6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F051K8U6
Description  Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051K8U6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F051K8U6 Datasheet HTML 1Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 2Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 3Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 4Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 5Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 6Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 7Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 8Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
This is information on a product in full production.
July 2012
Doc ID 022265 Rev 3
1/105
1
STM32F051x4 STM32F051x6
STM32F051x8
Low- and medium-density advanced ARM™-based 32-bit MCU with
16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
Datasheet
− production data
Features
■ Core: ARM 32-bit Cortex™-M0 CPU,
frequency up to 48 MHz
■ Memories
– 16 to 64 Kbytes of Flash memory
– 8 Kbytes of SRAM with HW parity checking
■ CRC calculation unit
■ Reset and power management
– Voltage range: 2.0 V to 3.6 V
– Power-on/Power down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low power modes: Sleep, Stop, Standby
–VBAT supply for RTC and backup registers
■ Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x6 PLL option
– Internal 40 kHz RC oscillator
■ Up to 55 fast I/Os
– All mappable on external interrupt vectors
– Up to 36 I/Os with 5 V tolerant capability
■ 5-channel DMA controller
■ 1 × 12-bit, 1.0 µs ADC (up to 16 channels)
– Conversion range: 0 to 3.6V
– Separate analog supply from 2.4 up to 3.6
■ One 12-bit D/A converter
■ Two fast low-power analog comparators with
programmable input and output
■ Up to 18 capacitive sensing channels
supporting touchkey, linear and rotary touch
sensors
■ Up to 11 timers
– One 16-bit 7-channel advanced-control
timer for 6 channels PWM output, with
deadtime generation and emergency stop
– One 32-bit and one 16-bit timer, with up to
4 IC/OC, usable for IR control decoding
– One 16-bit timer, with 2 IC/OC, 1 OCN,
deadtime generation and emergency stop
– Two 16-bit timers, each with IC/OC and
OCN, deadtime generation, emergency
stop and modulator gate for IR control
– One 16-bit timer with 1 IC/OC
– Independent and system watchdog timers
– SysTick timer: 24-bit downcounter
– One 16-bit basic timer to drive the DAC
■ Calendar RTC with alarm and periodic wakeup
from Stop/Standby
■ Communication interfaces
– Up to two I2C interfaces; one supporting
Fast Mode Plus (1 Mbit/s) with 20 mA
current sink, SMBus/PMBus, and wakeup
from STOP
– Up to two USARTs supporting master
synchronous SPI and modem control; one
with ISO7816 interface, LIN, IrDA
capability, auto baud rate detection and
wakeup feature
– Up to two SPIs (18 Mbit/s) with 4 to 16
programmable bit frame, 1 with I2S
interface multiplexed
– HDMI CEC interface, wakeup on header
reception
■ Serial wire debug (SWD)
■ 96-bit unique ID
Table 1.
Device summary
Reference
Part number
STM32F051x4
STM32F051K4, STM32F051C4, STM32F051R4
STM32F051x6
STM32F051K6, STM32F051C6, STM32F051R6
STM32F051x8
STM32F051C8, STM32F051R8, STM32F051K8
LQFP64 10x10 mm
UFQFPN32 5x5 mm
LQFP48 7x7 mm
LQFP32 7x7 mm
www.st.com


Similar Part No. - STM32F051K8U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051K8 STMICROELECTRONICS-STM32F051K8 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
STM32F051K8 STMICROELECTRONICS-STM32F051K8 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051K8 STMICROELECTRONICS-STM32F051K8 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051K8 STMICROELECTRONICS-STM32F051K8 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
More results

Similar Description - STM32F051K8U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051C8T6 STMICROELECTRONICS-STM32F051C8T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051K6U6 STMICROELECTRONICS-STM32F051K6U6 Datasheet
440Kb / 40P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
14-Feb-2012
STM32F050C4T6A STMICROELECTRONICS-STM32F050C4T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051C6T6 STMICROELECTRONICS-STM32F051C6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F050C6T6A STMICROELECTRONICS-STM32F050C6T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051K4U6 STMICROELECTRONICS-STM32F051K4U6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
STM32F050K6U6 STMICROELECTRONICS-STM32F050K6U6 Datasheet
1Mb / 97P
Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051R6T6 STMICROELECTRONICS-STM32F051R6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F058C8 STMICROELECTRONICS-STM32F058C8 Datasheet
1Mb / 104P
Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
16-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com