Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ZET6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F207ZET6
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ZET6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F207ZET6 Datasheet HTML 9Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 10Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 11Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 12Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 13Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 14Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 15Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 16Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 177 page
background image
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
LQFP64
LQFP64
WLCSP64
+2
LQFP6
4
LQFP64
WLCSP6
4+2
LQFP100
LQFP144
1.
For the LQFP100 package, only FSMC Bank1 or Bank2 are available. Bank1 can only support a multiplexed NOR/PSRAM memory using the NE1 Chip
Select. Bank2 can only support a 16- or 8-bit NAND Flash memory using the NCE2 Chip Select. The interrupt line cannot be used since Port G is not
available in this package.
2.
The SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio mode.
3.
VDD minimum value is 1.7 V when the device operates in the 0 to 70 °C temperature range and IRROFF is set to VDD.
Table 2.
STM32F205xx features and peripheral counts (continued)
Peripherals
STM32F205Rx
STM32F205Vx
STM32F205Zx
Table 3.
STM32F207xx features and peripheral counts
Peripherals
STM32F207Vx
STM32F207Zx
STM32F207Ix
Flash memory in Kbytes
256
512
768
1024
256
512
768
1024
256
512
768
1024
SRAM in Kbytes
System
(SRAM1+SRAM2)
128
(112+16)
Backup
4
FSMC memory controller
Yes(1)
Ethernet
Yes
Timers
General-purpose
10
Advanced-control
2
Basic
2
IWDG
Yes
WWDG
Yes
RTC
Yes
Random number generator
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com