Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW6N95K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW6N95K5
Description  N-channel 950 V, 1 Ω typ., 9 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6N95K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STW6N95K5 Datasheet HTML 1Page - STMicroelectronics STW6N95K5 Datasheet HTML 2Page - STMicroelectronics STW6N95K5 Datasheet HTML 3Page - STMicroelectronics STW6N95K5 Datasheet HTML 4Page - STMicroelectronics STW6N95K5 Datasheet HTML 5Page - STMicroelectronics STW6N95K5 Datasheet HTML 6Page - STMicroelectronics STW6N95K5 Datasheet HTML 7Page - STMicroelectronics STW6N95K5 Datasheet HTML 8Page - STMicroelectronics STW6N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
STD6N95K5, STF6N95K5, STP6N95K5, STW6N95K5, STU6N95K5
4/23
Doc ID 16958 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS= 0
950
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 950 V
VDS = 950 V, Tc=125 °C
1
50
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID= 3 A
1
1.25
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS =100 V, f=1 MHz, VGS=0
-
450
-
pF
Coss
Output capacitance
30
pF
Crss
Reverse transfer
capacitance
1.6
pF
Co(tr)
(1)
1.
Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when
VDS increases from 0 to 80% VDSS
Equivalent capacitance time
related
VGS = 0, VDS = 0 to 760 V
-45
-
pF
Co(er)
(2)
2.
energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss
when VDS increases from 0 to 80% VDSS
Equivalent capacitance
energy related
-19
-
pF
RG
Intrinsic gate resistance
f = 1MHz open drain
-
7
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 760 V, ID = 6 A
VGS =10 V
(see Figure 20)
-
13
3
7
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com