Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC41343DW Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # SC41343DW
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41343DW Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  SC41343DW Datasheet HTML 1Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 2Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 3Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 4Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 5Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 6Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 7Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 8Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
4
ELECTRICAL CHARACTERISTICS — MC145026
*, MC145027, and MC145028 (Voltage Referenced to VSS)
Sb l
Ch
i i
V
Guaranteed Limit
Ui
Sb l
Ch
i i
VDD
– 40
°C
25
°C
85
°C
Ui
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VOL
Low–Level Output Voltage
(Vin = VDD or 0)
5.0
10
15
—
—
—
0.05
0.05
0.05
—
—
—
0.05
0.05
0.05
—
—
—
0.05
0.05
0.05
V
VOH
High–Level Output Voltage
(Vin = 0 or VDD)
5.0
10
15
4.95
9.95
14.95
—
—
—
4.95
9.95
14.95
—
—
—
4.95
9.95
14.95
—
—
—
V
VIL
Low–Level Input Voltage
(Vout = 4.5 or 0.5 V)
(Vout = 9.0 or 1.0 V)
(Vout = 13.5 or 1.5 V)
5.0
10
15
—
—
—
1.5
3.0
4.0
—
—
—
1.5
3.0
4.0
—
—
—
1.5
3.0
4.0
V
VIH
High–Level Input Voltage
(Vout = 0.5 or 4.5 V)
(Vout = 1.0 or 9.0 V)
(Vout = 1.5 or 13.5 V)
5.0
10
15
3.5
7.0
11
—
—
—
3.5
7.0
11
—
—
—
3.5
7.0
11
—
—
—
V
IOH
High–Level Output Current
(Vout = 2.5 V)
(Vout = 4.6 V)
(Vout = 9.5 V)
(Vout = 13.5 V)
5.0
5.0
10
15
– 2.5
– 0.52
– 1.3
– 3.6
—
—
—
—
– 2.1
– 0.44
– 1.1
– 3.0
—
—
—
—
– 1.7
– 0.36
– 0.9
– 2.4
—
—
—
—
mA
IOL
Low–Level Output Current
(Vout = 0.4 V)
(Vout = 0.5 V)
(Vout = 1.5 V)
5.0
10
15
0.52
1.3
3.6
—
—
—
0.44
1.1
3.0
—
—
—
0.36
0.9
2.4
—
—
—
mA
Iin
Input Current — TE
(MC145026, Pull–Up Device)
5.0
10
15
—
—
—
—
—
—
3.0
16
35
11
60
120
—
—
—
—
—
—
µA
Iin
Input Current
RS (MC145026), Din (MC145027, MC145028)
15
—
± 0.3
—
± 0.3
—
± 1.0
µA
Iin
Input Current
A1 – A5, A6/D6 – A9/D9 (MC145026),
A1 – A5 (MC145027),
A1 – A9 (MC145028)
5.0
10
15
—
—
—
—
—
—
—
—
—
± 110
± 500
± 1000
—
—
—
—
—
—
µA
Cin
Input Capacitance (Vin = 0)
—
—
—
—
7.5
—
—
pF
IDD
Quiescent Current — MC145026
5.0
10
15
—
—
—
—
—
—
—
—
—
0.1
0.2
0.3
—
—
—
—
—
—
µA
IDD
Quiescent Current — MC145027, MC145028
5.0
10
15
—
—
—
—
—
—
—
—
—
50
100
150
—
—
—
—
—
—
µA
Idd
Dynamic Supply Current — MC145026
(fc = 20 kHz)
5.0
10
15
—
—
—
—
—
—
—
—
—
200
400
600
—
—
—
—
—
—
µA
Idd
Dynamic Supply Current — MC145027, MC145028
(fc = 20 kHz)
5.0
10
15
—
—
—
—
—
—
—
—
—
400
800
1200
—
—
—
—
—
—
µA
* Also see next Electrical Characteristics table for 2.5 V specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com