Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF1005L Datasheet(PDF) 18 Page - TDK Electronics

Part # MLF1005L
Description  Inductors for Standard Circuits Multilayer Ferrite MLFseries
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1005L Datasheet(HTML) 18 Page - TDK Electronics

Back Button MLF1005L Datasheet HTML 14Page - TDK Electronics MLF1005L Datasheet HTML 15Page - TDK Electronics MLF1005L Datasheet HTML 16Page - TDK Electronics MLF1005L Datasheet HTML 17Page - TDK Electronics MLF1005L Datasheet HTML 18Page - TDK Electronics MLF1005L Datasheet HTML 19Page - TDK Electronics MLF1005L Datasheet HTML 20Page - TDK Electronics MLF1005L Datasheet HTML 21Page - TDK Electronics MLF1005L Datasheet HTML 22Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
(17/22)
INDUC
T
O
RS
001-01 / 20130516 / e511_mlf.fm
• All specifications are subject to change without notice.
MLF series 
MLF2012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
conditions
Self-resonant
frequency(MHz)
DC resistance
(
Ω )
Rated
current
(mA)
Thickness
T
(mm)
Part No.
(µH)
Tolerance
min.
typ.
Frequency
(MHz)
Current
(mA)
min.
typ.
max.
typ.
max.
0.047 ±20%
15
25
50
1.0
550
700
0.10
0.05
300
0.85
MLF2012D47NMT
0.068 ±20%
15
25
50
1.0
500
600
0.15
0.08
300
0.85
MLF2012D68NMT
0.082 ±20%
15
25
50
1.0
450
550
0.15
0.08
300
0.85
MLF2012D82NMT
0.10
±10%
20
30
25
1.0
400
500
0.15
0.10
300
0.85
MLF2012DR10KT
0.12
±10%
20
30
25
1.0
360
450
0.20
0.12
300
0.85
MLF2012DR12KT
0.15
±10%
20
30
25
1.0
320
410
0.20
0.13
300
0.85
MLF2012DR15KT
0.18
±10%
20
30
25
1.0
280
370
0.25
0.15
300
0.85
MLF2012DR18KT
0.22
±10%
20
30
25
1.0
250
330
0.30
0.16
250
0.85
MLF2012DR22KT
0.27
±10%
20
30
25
1.0
220
300
0.35
0.18
250
0.85
MLF2012DR27KT
0.33
±10%
20
30
25
1.0
200
270
0.40
0.23
250
0.85
MLF2012DR33KT
0.39
±10%
25
35
25
1.0
180
250
0.45
0.25
200
0.85
MLF2012DR39KT
0.47
±10%
25
35
25
1.0
160
230
0.50
0.25
200
1.25
MLF2012DR47KT
0.56
±10%
25
35
25
1.0
150
210
0.55
0.30
150
1.25
MLF2012DR56KT
0.68
±10%
25
35
25
1.0
140
190
0.60
0.35
150
1.25
MLF2012DR68KT
0.82
±10%
25
35
25
1.0
130
170
0.65
0.40
150
1.25
MLF2012DR82KT
1.0
±10%
45
55
10
1.0
120
160
0.30
0.15
80
0.85
MLF2012A1R0KT
1.2
±10%
45
55
10
1.0
110
150
0.35
0.15
80
0.85
MLF2012A1R2KT
1.5
±10%
45
60
10
1.0
100
140
0.40
0.18
80
0.85
MLF2012A1R5KT
1.8
±10%
45
60
10
1.0
90
130
0.45
0.20
80
0.85
MLF2012A1R8KT
2.2
±10%
45
60
10
1.0
80
120
0.50
0.22
50
0.85
MLF2012A2R2KT
2.7
±10%
45
70
10
1.0
70
100
0.55
0.25
50
1.25
MLF2012A2R7KT
3.3
±10%
45
70
10
1.0
60
90
0.60
0.28
50
1.25
MLF2012A3R3KT
3.9
±10%
45
70
10
1.0
55
80
0.65
0.30
30
1.25
MLF2012A3R9KT
4.7
±10%
45
70
10
1.0
50
70
0.70
0.35
30
1.25
MLF2012A4R7KT
5.6
±10%
50
75
4
0.1
45
65
0.60
0.30
15
1.25
MLF2012E5R6KT
6.8
±10%
50
75
4
0.1
40
60
0.65
0.32
15
1.25
MLF2012E6R8KT
8.2
±10%
50
75
4
0.1
35
55
0.70
0.35
15
1.25
MLF2012E8R2KT
10
±10%
50
75
2
0.1
30
50
0.80
0.40
15
1.25
MLF2012E100KT
12
±10%
50
75
2
0.1
25
45
0.90
0.50
15
1.25
MLF2012E120KT
15
±10%
30
45
1
0.1
22
40
0.70
0.35
5
1.25
MLF2012C150KT
18
±10%
30
45
1
0.1
20
38
0.80
0.38
5
1.25
MLF2012C180KT
22
±10%
30
45
1
0.1
18
35
0.90
0.45
5
1.25
MLF2012C220KT
27
±10%
30
45
1
0.1
17
33
1.00
0.50
5
1.25
MLF2012C270KT
33
±10%
30
45
0.4
0.1
15
28
1.10
0.55
5
1.25
MLF2012C330KT
39
±10%
35
55
2
0.1
13
23
2.40
1.30
4
1.25
MLF2012K390KT
47
±10%
35
55
2
0.1
11
20
2.70
1.60
4
1.25
MLF2012K470KT
56
±10%
35
55
2
0.1
10
18
2.80
1.80
4
1.25
MLF2012K560KT
68
±10%
25
45
1
0.1
9
16
2.90
2.00
2
1.25
MLF2012C680KT
82
±10%
25
45
1
0.1
8
14
3.00
2.40
2
1.25
MLF2012C820KT
100
±10%
25
45
1
0.1
7
12
3.10
2.50
2
1.25
MLF2012C101KT
Measurement item
Product No.
Manufacturer
L, Q
4294A+16034G
Agilent Technologies
Self-resonant frequency
E4991A
Agilent Technologies
DC resistance
Type-7561
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com