Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4913 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4913
Description  SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4913 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4913 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4913 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Solder Attachment 0.062 inch
End Launch PCB, .020 inch x .010 inch Contact
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
Configuration
Connector
SMA Male
Connector Interface Type
0.062 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.68 [17.27]
Width/Dia., in [mm]
0.375 [10]
Height, in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Gold
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact from Pasternack Enter-
prises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch
Contact PE4913
URL: http://www.pasternack.com/sma-male-standard-0.062-end-launch-connector-pe4913-p.aspx
PE4913
PE4913 REV


Similar Part No. - PE4913

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4910 PASTERNACK-PE4910 Datasheet
262Kb / 3P
SMA Female Connector Solder Attachment Surface Mount PCB
PE4911 PASTERNACK-PE4911 Datasheet
227Kb / 2P
SMA Female Right Angle Connector Solder Attachment Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PE4912 PASTERNACK-PE4912 Datasheet
205Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4914 PASTERNACK-PE4914 Datasheet
245Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, RG71, .235 inch D Hole
PE4915 PASTERNACK-PE4915 Datasheet
96Kb / 1P
BNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
More results

Similar Description - PE4913

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44210 PASTERNACK-PE44210 Datasheet
300Kb / 3P
SMA Male Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44137 PASTERNACK-PE44137 Datasheet
259Kb / 2P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE4543 PASTERNACK-PE4543 Datasheet
267Kb / 2P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44138 PASTERNACK-PE44138 Datasheet
238Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44136 PASTERNACK-PE44136 Datasheet
255Kb / 3P
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44214 PASTERNACK-PE44214 Datasheet
211Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .020 inch x .010 inch Contact
PE44135 PASTERNACK-PE44135 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44208 PASTERNACK-PE44208 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .020 inch x .010 inch Contact
PE44207 PASTERNACK-PE44207 Datasheet
388Kb / 4P
SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com