Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC76A Datasheet(PDF) 13 Page - Microchip Technology

Part # 93LC76A
Description  8K Microwire Compatible Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76A Datasheet(HTML) 13 Page - Microchip Technology

Back Button 93LC76A Datasheet HTML 9Page - Microchip Technology 93LC76A Datasheet HTML 10Page - Microchip Technology 93LC76A Datasheet HTML 11Page - Microchip Technology 93LC76A Datasheet HTML 12Page - Microchip Technology 93LC76A Datasheet HTML 13Page - Microchip Technology 93LC76A Datasheet HTML 14Page - Microchip Technology 93LC76A Datasheet HTML 15Page - Microchip Technology 93LC76A Datasheet HTML 16Page - Microchip Technology 93LC76A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2003-2012 Microchip Technology Inc.
DS21796M-page 13
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
Part Number
1st Line Marking Codes
TSSOP
MSOP
SOT-23
DFN
TDFN
I Temp.
E Temp.
I Temp.
E Temp.
I Temp.
E Temp.
93AA76A
A76A
3A76AT
4BNN
—
—
—
—
—
93AA76B
A76B
3A76BT
4LNN
—
—
—
—
—
93AA76C
A76C
3A76CT
—
—
3B1
—
EB1
—
93LC76A
L76A
3L76AT
4ENN
4FNN
—
—
—
—
93LC76B
L76B
3L76BT
4PNN
4RNN
—
—
—
—
93LC76C
L76C
3L76CT
—
—
3B4
3B5
EB4
EB5
93C76A
C76A
3C76AT
4HNN
4JNN
—
—
—
—
93C76B
C76B
3C76BT
4TNN
4UNN
—
—
—
—
93C76C
C76C
3C76CT
—
—
3B7
3B8
EB7
EB8
Note:
T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com