Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC86B Datasheet(PDF) 1 Page - Microchip Technology

Part # 93LC86B
Description  16K Microwire Compatible Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86B Datasheet(HTML) 1 Page - Microchip Technology

  93LC86B Datasheet HTML 1Page - Microchip Technology 93LC86B Datasheet HTML 2Page - Microchip Technology 93LC86B Datasheet HTML 3Page - Microchip Technology 93LC86B Datasheet HTML 4Page - Microchip Technology 93LC86B Datasheet HTML 5Page - Microchip Technology 93LC86B Datasheet HTML 6Page - Microchip Technology 93LC86B Datasheet HTML 7Page - Microchip Technology 93LC86B Datasheet HTML 8Page - Microchip Technology 93LC86B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2003-2012 Microchip Technology Inc.
DS21797L-page 1
93AA86A/B/C, 93LC86A/B/C,
93C86A/B/C
Device Selection Table
Features:
• Low-Power CMOS Technology
• ORG Pin to Select Word Size for ‘86C’ Version
• 2048 x 8-bit Organization ‘A’ Devices (no ORG)
• 1024 x 16-bit Organization ‘B’ Devices (no ORG)
• Program Enable Pin to Write-Protect the Entire
Array (‘86C’ version only)
• Self-tImed Erase/Write Cycles (including
Auto-Erase)
• Automatic Erase All (ERAL) before Write All
(WRAL)
• Power-On/Off Data Protection Circuitry
• Industry Standard 3-Wire Serial I/O
• Device Status Signal (Ready/Busy)
• Sequential Read Function
• 1,000,000 E/W Cycles
• Data Retention > 200 Years
• Pb-free and RoHS Compliant
• Temperature Ranges Supported:
Pin Function Table
Description:
The Microchip Technology Inc. 93XX86A/B/C devices
are 16K bit low-voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93XX86C are dependent upon external logic
levels driving the ORG pin to set word size. The
93XX86A devices provide dedicated 8-bit memory
organization, while the 93XX86B devices provide
dedicated 16-bit memory organization. A Program
Enable (PE) pin allows the user to write-protect the
entire memory array. Advanced CMOS technology
makes these devices ideal for low-power, nonvolatile
memory applications. The entire 93XX Series is
available in standard packages including 8-lead PDIP
and SOIC, and advanced packaging including 8-lead
MSOP, 6-lead SOT-23, 8-lead 2x3 DFN/TDFN and 8-
lead TSSOP. All packages are Pb-free (Matte Tin)
finish.
Part
Number
VCC Range
ORG Pin
PE Pin
Word Size
Temp Ranges
Packages
93AA86A
1.8-5.5
No
No
8-bit
I
P, SN, ST, MS, OT
93AA86B
1.8-5-5
No
No
16-bit
I
P, SN, ST, MS, OT
93LC86A
2.5-5.5
No
No
8-bit
I, E
P, SN, ST, MS, OT
93LC86B
2.5-5.5
No
No
16-bit
I, E
P, SN, ST, MS, OT
93C86A
4.5-5.5
No
No
8-bit
I, E
P, SN, ST, MS, OT
93C86B
4.5-5.5
No
No
16-bit
I, E
P, SN, ST, MS, OT
93AA86C
1.8-5.5
Yes
Yes
8- or 16-bit
I
P, SN, ST, MS, MC, MN
93LC86C
2.5-5.5
Yes
Yes
8- or 16-bit
I, E
P, SN, ST, MS, MC, MN
93C86C
4.5-5.5
Yes
Yes
8- or 16-bit
I, E
P, SN, ST, MS, MC, MN
- Industrial (I)
-40°C to +85°C
- Automotive (E)-40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
PE
Program Enable – 93XX86C only
ORG
Memory Configuration – 93XX86C only
VCC
Power Supply
16K Microwire Compatible Serial EEPROM


Similar Part No. - 93LC86B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86B MICROCHIP-93LC86B Datasheet
494Kb / 28P
16K Microwire Compatible Serial EEPROM
2005
93LC86B MICROCHIP-93LC86B Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC86B-E/CH MICROCHIP-93LC86B-E/CH Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86B-E/MC MICROCHIP-93LC86B-E/MC Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86B-E/MS MICROCHIP-93LC86B-E/MS Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93LC86B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
16K Microwire Compatible Serial EEPROM
2005
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
logo
ON Semiconductor
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
16K-Bit Microwire Serial EEPROM
Rev. S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com