Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4830 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4830
Description  Optical Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4830 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4830_13 Datasheet HTML 1Page - Maxim Integrated Products DS4830_13 Datasheet HTML 2Page - Maxim Integrated Products DS4830_13 Datasheet HTML 3Page - Maxim Integrated Products DS4830_13 Datasheet HTML 4Page - Maxim Integrated Products DS4830_13 Datasheet HTML 5Page - Maxim Integrated Products DS4830_13 Datasheet HTML 6Page - Maxim Integrated Products DS4830_13 Datasheet HTML 7Page - Maxim Integrated Products DS4830_13 Datasheet HTML 8Page - Maxim Integrated Products DS4830_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DS4830
Optical Microcontroller
2
Maxim Integrated
VDD to GND........................................................-0.3V to +3.97V
SCL, SDA, RST...................................................-0.3V to +3.63V
All Other Pins to GND
except REG18 and REG285 ............... -0.3V to (VDD + 0.5V)*
Continuous Sink Current ....................20mA per pin, 50mA total
Continuous Source Current................20mA per pin, 50mA total
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ............................ …+300NC
Soldering Temperature (reflow) .................................. …+260NC
ABSOLUTE MAxIMUM RATInGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
RECOMMEnDED OPERATInG COnDITIOnS
(TA = -40NC to +85NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.97V to 3.63V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25NC.)
*Subject to not exceeding +3.97V.
PARAMETER
SYMBOL
COnDITIOnS
MIn
TYP
MAx
UnITS
VDD Operating Voltage
VDD
(Note 1)
2.97
3.63
V
Input Logic-High
VIH
0.7 x
VDD
VDD +
0.3
V
Input Logic-Low
VIL
-0.3
0.3 x
VDD
V
PARAMETER
SYMBOL
COnDITIOnS
MIn
TYP
MAx
UnITS
Supply Current
ICPU
CPU mode, all analog disabled
(Notes 2, 3)
4.8
mA
IFASTCOMP
2
ISAMPLEHOLDS Both sample/hold
1.5
IADC
2.8
IDACS
Per channel (Note 4)
0.6
Brownout Voltage
VBO
Monitors VDD (Note 1)
2.7
V
Brownout Hysteresis
VBOH
Monitors VDD (Note 1)
0.07
V
1.8V Regulator Initial Voltage
VREG18
(Note 1)
1.71
1.8
1.89
V
2.85V Regulator Initial Voltage
VREG285
(Note 1)
2.8
2.85
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com