Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1010-I/ML Datasheet(PDF) 14 Page - Microchip Technology

Part # AR1010-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/ML Datasheet(HTML) 14 Page - Microchip Technology

Back Button AR1010-I/ML Datasheet HTML 10Page - Microchip Technology AR1010-I/ML Datasheet HTML 11Page - Microchip Technology AR1010-I/ML Datasheet HTML 12Page - Microchip Technology AR1010-I/ML Datasheet HTML 13Page - Microchip Technology AR1010-I/ML Datasheet HTML 14Page - Microchip Technology AR1010-I/ML Datasheet HTML 15Page - Microchip Technology AR1010-I/ML Datasheet HTML 16Page - Microchip Technology AR1010-I/ML Datasheet HTML 17Page - Microchip Technology AR1010-I/ML Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 14
Preliminary
 2009-2012 Microchip Technology Inc.
3.5
8-Wire Touch Sensor Interface
Sensor tail pinouts can vary by manufacturer and part
number. Ensure both sensor tail pins for one sensor
axis (layer) are connected to the controller’s X-/X+ pins
and the tail pins for the other sensor axis (layer) are
connected to the controller’s Y-/Y+ pins.
The controller’s X-/X+ and Y-/Y+ pin pairs do not need
to connect to a specific sensor axis. The orientation of
controller pins X- and X+ to the two sides of a given
sensor axis is not important. Likewise, the orientation of
controller pins Y- and Y+ to the two sides of the other
sensor axis is not important.
The 8-wire sensor differs from a 4-wire sensor in that
each edge of an 8-wire sensor has a secondary
connection brought to the sensor’s tail. These
secondary connections are referred to as “sense” lines.
The controller pins associated with the sense line for an
8-wire sensor contain an ‘S’ prefix in their respective
names. For example, the SY- pin is the sense line
connection associated with the main Y- pin connection.
Consult with the sensor manufacturer’s specification to
determine which member of each edge connected pair
is the special 8-wire “sense” connection. Incorrectly
connecting the sense and excite lines to the controller
will adversely affect performance.
The controller requires that the main and “sense” tail
pin pairs for sensor edges be connected to controller
pin pairs as follows:
• Y- and SY-
• Y+ and SY+
• X- and 5WSX-
• X+ and SX+
Connections to a 8-wire touch sensor are shown in
Figure 3-4 below.
FIGURE 3-4:
8-WIRE TOUCH SENSOR INTERFACE
See
Section 3.8
“ESD
Considerations”
and
Section 3.9 “Noise Considerations” for important
information regarding the capacitance of the controller
schematic hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com