Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7L4091 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT7L4091_13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Rev. 1.20
13
March 12, 2013
HT7L4091
High Efficiency Circuit
Tr
D1
Rs
MOSFET
GDR
CS
GND
RT
LD
VDD
PDM
C7
Rg
R
sb
Dg
Rc
Cc
Ra
Da
VIN
RIN
AC
EMI
Lc
Lc
Ca1
Ca2
VLED
Cfilter
C1
0.1uF
400V
22uF
400V
Essential components
Used optional components
Unused optional components
CIN
1uF/50V
Zin
RT
CT
5pF
Theapplicationcircuitusestheauxiliaryinductortosupplythedevicepowertoobtainbetterefficiency.
IffrequencyjitteringisusedtoreduceEMIinterferenceeffects,anoptional5pFcapacitormaybeusedfor
stabilisationpurposes.Formoredetails,refertotheapplicationnoteforauxiliaryinductorapplications.
Formoredetailsreferttotheapplicationnote.
BJT Power Supply Application Circuit
TheapplicationcircuitusesaBJTtosupplythedevicepowertoobtainbetterefficiency.
Zin
CIN
RIN
BJT
Cfilter
GDR
CS
VIN
GND
RT
LD
VDD
PDM
C7
AC
EMI
Lc
Lc
Ca1
Ca2
C1
0.1uF
400V
1uF
50V
0.1uF
L
D1
VLED
Co
MOSFET
R
cs
CC
Rc
RT
CT
5pF
22uF
400V
IffrequencyjitteringisconsideredtoreduceEMIanoptional5pFCTmaybeusedtostabilisetheeffect.
Formoredetailsrefertotheapplicationnote.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com