Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24LC256 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT24LC256
Description  CMOS 256K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC256 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT24LC256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. 1.00
4
January 29, 2013
HT24LC256
Write Operations
• Bytewrite
A write operation requires two data word
addressesfollowingthedeviceaddresswordand
acknowledgment.Uponreceiptofthisaddress,
the EEPROM will again respond with a zero
andthenclockinthefirst8-bitdataword.After
receivingthe8-bitdataword,theEEPROMwill
outputazeroandtheaddressingdevice,suchasa
microcontroller,mustterminatethewritesequence
withastopcondition.AtthistimetheEEPROM
willexecuteaninternally-timedwritecycleto
thenon-volatilememory.Allinputsaredisabled
duringthiswritecycleandtheEEPROMwillnot
responduntilthewriteoperationiscompleted(refer
toBytewritetiming).
• Pagewrite
The256KEEPROMiscapableofa64-bytepage
write.Apagewriteisinitiatedinthesamewayas
abytewrite,butthemicrocontrollerdoesnotsend
astopconditionafterthefirstdatawordisclocked
in.Instead,aftertheEEPROMacknowledgesthe
receiptofthefirstdataword,themicrocontroller
can transmit up to 63 more data words.The
EEPROMwillrespondwithazeroaftereachdata
wordreceived.Themicrocontrollermustterminate
thepagewritesequencewithastopcondition
(refertoPagewritetiming).Thedatawordaddress
lower6bitsareinternallyincrementedfollowing
thereceiptofeachdataword.Thehigherdata
wordaddressbitsarenotincremented,retaining
thememorypagerowlocation.Whentheword
address,internallygenerated,reachesthepage
boundary,thefollowingbyteisplacedatthe
beginningofthesamepage.Ifmorethan64data
wordsaretransmittedtotheEEPROM,thedata
wordaddresswill“rollover”andpreviousdata
willbeoverwritten.
• Acknowledgepolling
Tomaximizebusthroughput,onetechniqueisto
allowthemastertopollforanacknowledgesignal
afterthestartconditionandthecontrolbytefora
writecommandhasbeensent.Ifthedeviceisstill
busyimplementingitswritecycle,thennoACK
willbereturned.Themastercansendthenext
read/writecommandwhentheACKsignalhas
finallybeenreceived.
S end W ri te C om m and
S end St op C ondi ti on
to I ni ti at e Wr it e Cy cl e
S end St ar t
Se nd C ont ro l By te
wi th R /W =0
(A CK =0 )?
Ne x t O per at io n
No
Ye s
Acknowledge Polling Timing
• Writeprotect
The HT24LC256 device has a write-protect
function.Programmingwillbeinhibitedwhenthe
WPpinisconnectedtoVCC.Inthismode,the
HT24LC256devicecanbeusedasaserialROM.
De vi ce A ddr es sF ir st W or d Ad dr es s (n )
SD A Li ne
A2 A1 A0
Se co nd W or d Ad dr es s (n )
Da ta ( n+ x)
Da ta ( n)
No te : * = Do n' t ca re b it s
Page Write Timing
De vi ce A ddr es sF ir s t W or d Ad dr es s
SD A Li ne
A2 A1 A0
Se co nd W or d Ad dr es s
Da ta
Byte Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com