Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F24D Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT66F24D
Description  A/D Flash Type 8-bit MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F24D Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT66F24D Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F24D Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 175 page
background image
A/D Flash Type 8-bit MCU with EEPROM
HT66F24D/HT66F25D
Rev. 1.10
�8
�a��� ��� �01�
Rev. 1.10
�9
�a��� ��� �01�
To i nt er nal
ci rc ui ts
In te rn al
O sci ll at or
Ci rc ui t
C1
C2
Rp
No te :1 . Rp , C 1 and C 2 ar e re qui r ed.
2. A lt hough not s how n pi ns h av e a
par as it ic c apac it an ce o f ar ound 7pF .
In te r nal R C
O sc illa to r
32. 76 8
kH z
XT 1
XT 2
External LXT Oscillator
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
��.768kHz
10pF
10pF
Note:1. C1 and C� values a�e fo� guidan�e only.
�. RP=��~10M٠is recommended.
32.768kHz Crystal Recommended Capacitor Values
LXT Oscillator Low Power Function
TheLXToscillatorcanfunctioninoneoftwomodes,theQuickStartModeandtheLowPower
Mode.ThemodeselectionisexecutedusingtheLXTLPbitintheTBCregister.
LXTLP Bit
LXT Mode
0
Qui�k Sta�t
1
Low-powe�
Afterpoweron,theLXTLPbitwillbeautomaticallyclearedtozeroensuringthattheLXToscillator
isintheQuickStartoperatingmode.IntheQuickStartModetheLXToscillatorwillpowerup
andstabilisequickly.However,aftertheLXToscillatorhasfullypoweredupitcanbeplaced
intotheLow-powermodebysettingtheLXTLPbithigh.Theoscillatorwillcontinuetorunbut
withreducedcurrentconsumption,asthehighercurrentconsumptionisonlyrequiredduringthe
LXToscillatorstart-up.Inpowersensitiveapplications,suchasbatteryapplications,wherepower
consumptionmustbekepttoaminimum,itisthereforerecommendedthattheapplicationprogram
setstheLXTLPbithighabout2secondsafterpower-on.
ItshouldbenotedthatnomatterwhatconditiontheLXTLPbitissetto,theLXToscillatorwill
alwaysfunctionnormally,theonlydifferenceisthatitwilltakemoretimetostartupifintheLow-
powermode.
Supplementary Oscillator
Thelowspeedoscillator,inadditiontoprovidingasystemclocksource,isalsousedtoprovidea
clocksourcetotheTimeBaseInterruptsfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com