Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSWS4148 Datasheet(PDF) 1 Page - First Components International

Part # FSWS4148
Description  100 mA SURFACE MOUNT HIGH SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FSWS4148 Datasheet(HTML) 1 Page - First Components International

  FSWS4148 Datasheet HTML 1Page - First Components International FSWS4148 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
1.0
25
3
4
Data Sheet
Units
100 mA SURFACE MOUNT
HIGH SPEED
SWITCHING DIODE
.595""&
Peak Repetitive Reverse Voltage...V
RRM
Reverse Voltage...V
R
Average Forward Rectified Current...I
F(AV)
Peak Forward Surge Current...I
FSM
Power Dissipation...P
D
Operating & Storage Temperature...T
J, TSTG
Foreward Voltage @ I|
F= 100 mA...VF
DC Reverse Current @ VR = 30V...I
R
Typical Junction Capacitance...C
T
Reverse Recovery Time V
R=6V, IF=10mA, R=50 ohms...TRR
MIN
TYP
MAX
4
-55
100
75
150
300
+125
V
V
mA
A
mW
o
C.
V
nA
pF
nS
1A
T=1us
T=1s
nA
2.5
V
R=20V
V
R=75V
0805(2012)
0.035(0.9)
0.043(1.1)
0.077(1.95)
0.016(0.4)
0.053(1.36)
0.045(1.15)
0.085(2.15)
0.008(R0.2)
Features
n FAST SWITCHING DIODE
n HIGH SURGE CAPABILITY
n SURFACE MOUNT PACKAGE
n MEETS UL SPECIFICATION
94V-0
DIMENSIONS IN INCHES AND MILLIMETERS


Similar Part No. - FSWS4148

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSW SCHURTER-FSW Datasheet
587Kb / 3P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
396Kb / 4P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
495Kb / 5P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
logo
Level One
FSW-0503 LVL1-FSW-0503 Datasheet
707Kb / 5P
Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
FSW-0503-Z LVL1-FSW-0503-Z Datasheet
657Kb / 3P
Simple Plug and Play installation
More results

Similar Description - FSWS4148

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150 Datasheet
52Kb / 2P
SURFACE MOUNT HIGH SPEED SWITCHING DIODE
logo
Comchip Technology
1SS400-G COMCHIP-1SS400-G Datasheet
115Kb / 3P
Surface Mount High Speed Switching Diode
logo
Taiwan Semiconductor Co...
1SS355 TSC-1SS355 Datasheet
133Kb / 1P
200mW Surface Mount High speed Switching Diode
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448 CENTRAL-CMHD4448_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
logo
Micro Commercial Compon...
DL4148 MCC-DL4148_12 Datasheet
469Kb / 4P
500mW High Speed Switching Diode 100 Volt Surface Mount Applications
logo
Central Semiconductor C...
CLL914 CENTRAL-CLL914_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL4150 CENTRAL-CLL4150_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMDD4448 CENTRAL-CMDD4448_15 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com