Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7150-2 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7150-2
Description  30mA Low Power LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7150-2 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7150-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7150-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.00
1
April 10, 2013
Rev. 1.00
PB
April 10, 2013
HT71xx-2
30mA Low Power LDO
Features
• Lowpowerconsumption
• Lowvoltagedrop
• Lowtemperaturecoefficient
• Highinputvoltage(upto30V)
• Outputvoltageaccuracy:tolerance±1%
• TO92,SOT89andSOT23-5package
Applications
• Battery-poweredequipment
• Communicationequipment
• Audio/Videoequipment
General Description
TheHT71xx-2seriesisasetofthree-terminallow
powerhighvoltageregulatorsimplementedinCMOS
technology.Theyallowinputvoltagesashighas30V.
Theyareavailablewithseveralfixedoutputvoltages
rangingfrom2.1Vto5.0V.CMOStechnologyensures
lowvoltagedropandlowquiescentcurrent.
Although designed primarily as fixed voltage
regulators,thesedevicescanbeusedwithexternal
componentstoobtainvariablevoltagesandcurrents.
Selection Table
Part No.
Output Voltage
Package
Marking
HT7121-2
2.1V
TO92
SOT89
SOT23-5
71xxA-2 (for TO92)
71xx-2 (for SOT89)
1xx2 (for SOT23-5)
HT7123-2
2.3V
HT7125-2
2.5V
HT7127-2
2.7V
HT7130-2
3.0V
HT7133-2
3.3V
HT7136-2
3.6V
HT7144-2
4.4V
HT7150-2
5.0V
Note:″xx″standsforoutputvoltages.


Similar Part No. - HT7150-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7150-1 HOLTEK-HT7150-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
HT7150-1 HOLTEK-HT7150-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7150-3 HOLTEK-HT7150-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
More results

Similar Description - HT7150-2

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
30mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
100mA Low Power LDO
June 1, 2011
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
30mA Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
100mA Low Power LDO
Rev.A
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
300mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com