Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7525-3 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT7525-3
Description  100mA Low Power LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7525-3 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT7525-3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7525-3 Datasheet HTML 18Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Rev. 1.00
15
April 18, 2013
HT75xx-3
3-pin TO92 Outline Dimensions
)
*
+
-
.
/
0
,
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.170
—
0.200
B
0.170
—
0.200
C
0.500
—
—
D
0.011
—
0.020
E
0.090
—
0.110
F
0.045
—
0.055
G
0.045
—
0.065
H
0.130
—
0.160
α
0°
—
10°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.32
—
5.08
B
4.32
—
5.08
C
12.70
—
—
D
0.28
—
0.51
E
2.29
—
2.79
F
1.14
—
1.40
G
1.14
—
1.65
H
3.30
—
4.06
α
0°
—
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com