Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V31UT Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6V31UT Datasheet HTML 11Page - Microchip Technology MCP6V31UT Datasheet HTML 12Page - Microchip Technology MCP6V31UT Datasheet HTML 13Page - Microchip Technology MCP6V31UT Datasheet HTML 14Page - Microchip Technology MCP6V31UT Datasheet HTML 15Page - Microchip Technology MCP6V31UT Datasheet HTML 16Page - Microchip Technology MCP6V31UT Datasheet HTML 17Page - Microchip Technology MCP6V31UT Datasheet HTML 18Page - Microchip Technology MCP6V31UT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 15
MCP6V31/1U
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
2.5
Time Response
FIGURE 2-40:
Input Offset Voltage vs.
Time with Temperature Change.
FIGURE 2-41:
Input Offset Voltage vs.
Time at Power Up.
FIGURE 2-42:
The MCP6V31/1U Family
Shows No Input Phase Reversal with Overdrive.
FIGURE 2-43:
Non-inverting Small Signal
Step Response.
FIGURE 2-44:
Non-inverting Large Signal
Step Response.
FIGURE 2-45:
Inverting Small Signal Step
Response.
60
80
35
40
20
40
25
30
T
PCB
20
0
20
15
20
25
V
DD = 1.8V
V
DD = 5.5V
-40
-20
10
15
V
OS
V
DD
5.5V
-80
-60
0
5
V
OS
-120
-100
-10
-5
Temperature increased by
using heat gun for 5 seconds.
0
102030405060708090 100
Time (s)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
POR Trip Point
V
OS
V
DD
G = 1
-4
-3
-2
-1
-4
-3
-2
-1
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Time (ms)
V
OS
2
3
4
5
6
7
V
DD = 5.5V
G = 1
V
OUT
V
IN
-1
0
1
0123456789
10
Time (ms)
30
40
50
60
70
80
V
DD = 5.5V
G = 1
0
10
20
0
102030405060708090
100
Time (μs)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD = 5.5V
G = 1
0.0
0.5
1.0
1.5
0
50
100
150
200
250
300
350
400
Time (μs)
30
40
50
60
70
80
90
V
DD = 5.5V
G = -1
-10
0
10
20
0
102030405060708090
100
Time (μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com