Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6442 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP6442
Description  450 nA, 9 kHz Op Amp
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6442 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP6442 Datasheet HTML 37Page - Microchip Technology MCP6442 Datasheet HTML 38Page - Microchip Technology MCP6442 Datasheet HTML 39Page - Microchip Technology MCP6442 Datasheet HTML 40Page - Microchip Technology MCP6442 Datasheet HTML 41Page - Microchip Technology MCP6442 Datasheet HTML 42Page - Microchip Technology MCP6442 Datasheet HTML 43Page - Microchip Technology MCP6442 Datasheet HTML 44Page - Microchip Technology MCP6442 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
© 2010-2012 Microchip Technology Inc.
DS22257C-page 41
MCP6441/2/4
APPENDIX A: REVISION HISTORY
Revision C (April 2012)
The following is the list of modifications:
1.
Added new package type (8-Lead 2x3 TDFN)
for MCP6442, and the related information
throughout the document.
2.
Updated Table 3-1 with TDFN package pinouts.
3.
Updated
Section 6.0, Packaging Information.
4.
Updated the
Product Identification SysteM
section.
Revision B (March 2011)
The following is the list of modifications:
1.
Added the MCP6442 and MCP6444 package
information.
2.
Updated the ESD protection value on all pins in
Section 1.1, Absolute Maximum Ratings †.
3.
Added Figure 2-32.
4.
Updated Table 3-1.
5.
Updated the package markings information and
drawings.
6.
Updated the
Product Identification SysteM
section.
Revision A (September 2010)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com