Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7683ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7683ARMZ
Description  16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7683ARMZ Datasheet HTML 8Page - Analog Devices AD7683ARMZ Datasheet HTML 9Page - Analog Devices AD7683ARMZ Datasheet HTML 10Page - Analog Devices AD7683ARMZ Datasheet HTML 11Page - Analog Devices AD7683ARMZ Datasheet HTML 12Page - Analog Devices AD7683ARMZ Datasheet HTML 13Page - Analog Devices AD7683ARMZ Datasheet HTML 14Page - Analog Devices AD7683ARMZ Datasheet HTML 15Page - Analog Devices AD7683ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7683
Rev. A | Page 12 of 16
APPLICATIONS INFORMATION
SW+
MSB
16,384C
+IN
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
–IN
4C
2C
C
C
32,768C
SW–
MSB
16,384C
LSB
4C
2C
C
C
32,768C
Figure 20. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7683 is a low power, single-supply, 16-bit ADC using a
successive approximation architecture.
The AD7683 is capable of converting 100,000 samples per
second (100 kSPS) and powers down between conversions.
When operating at 10 kSPS, for example, it consumes typi-
cally 150 μW with a 2.7 V supply, ideal for battery-powered
applications.
The AD7683 provides the user with an on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple, multiplexed channel applications.
The AD7683 is specified from 2.7 V to 5.5 V. It is housed in an
8-lead MSOP or a tiny, 8-lead QFN (LFCSP) package.
The AD7683 is an improved second source to the ADS8320 and
ADS8325. For even better performance, consider the AD7685.
CONVERTER OPERATION
The AD7683 is a successive approximation ADC based on a
charge redistribution DAC. Figure 20 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary-weighted capacitors that connect
to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to GND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on the +IN and −IN inputs. When the
acquisition phase is complete and the CS input goes low, a con-
version phase is initiated. When the conversion phase begins,
SW+ and SW− are opened first. The two capacitor arrays are
then disconnected from the inputs and connected to the GND
input. Therefore, the differential voltage between the inputs,
+IN and −IN, captured at the end of the acquisition phase is
applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between GND and REF, the comparator input varies by
binary-weighted voltage steps (VREF/2, VREF/4...VREF/65,536).
The control logic toggles these switches, starting with the MSB,
to bring the comparator back into a balanced condition. After
the completion of this process, the part returns to the acquisition
phase and the control logic generates the ADC output code.
TRANSFER FUNCTIONS
The ideal transfer function for the AD7683 is shown in Figure 21
and Table 9.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FS – 1.5 LSB
+FS – 1 LSB
–FS + 1 LSB
–FS
–FS + 0.5 LSB
Figure 21. ADC Ideal Transfer Function
Table 9. Output Codes and Ideal Input Voltages
Description
Analog Input
VREF = 5 V
Digital Output Code
Hexadecimal
FSR – 1 LSB
4.999924 V
FFFF1
Midscale + 1 LSB
2.500076 V
8001
Midscale
2.5 V
8000
Midscale – 1 LSB
2.499924 V
7FFF
–FSR + 1 LSB
76.3 μV
0001
–FSR
0 V
00002
1 This is also the code for an overranged analog input (V+IN – V–IN above
VREF – VGND).
2 This is also the code for an underranged analog input (V+IN – V–IN below VGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com