Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7849BN Datasheet(PDF) 9 Page - Analog Devices

Part # AD7849BN
Description  Serial Input, 14-Bit/16-Bit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849BN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7849BN Datasheet HTML 5Page - Analog Devices AD7849BN Datasheet HTML 6Page - Analog Devices AD7849BN Datasheet HTML 7Page - Analog Devices AD7849BN Datasheet HTML 8Page - Analog Devices AD7849BN Datasheet HTML 9Page - Analog Devices AD7849BN Datasheet HTML 10Page - Analog Devices AD7849BN Datasheet HTML 11Page - Analog Devices AD7849BN Datasheet HTML 12Page - Analog Devices AD7849BN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AD7849
REV. B
–9–
t2
t1
t3
t4
t5
t4
t5
t7
DB0
DB15
DB13
DB0
SCLK
SYNC
BIN/COMP
SDIN
(AD7849B/C/T)
SDIN
(AD7849A)
LDAC, CLR
DCEN IS TIED PERMANENTLY LOW
Figure 12. Timing Diagram (Stand-Alone Mode)
DIGITAL INTERFACE
The AD7849 contains an input serial to parallel shift register
and a DAC latch. A simplified diagram of the input loading
circuitry is shown in Figure 12. Serial data on the SDIN input
is loaded to the input register under control of DCEN,
SYNC
and SCLK. When a complete word is held in the shift register it
may then be loaded into the DAC latch under control of
LDAC. Only the data in the DAC latch determines the analog
output on the AD7849.
The DCEN (daisy-chain enable) input is used to select either a
stand-alone mode or a daisy-chain mode. The loading format is
slightly different depending on which mode is selected.
Serial Data Loading Format (Stand-Alone Mode)
With DCEN at Logic 0 the stand-alone mode is selected. In this
mode a low
SYNC input provides the frame synchronization
signal which tells the AD7849 that valid serial data on the SDIN
input will be available for the next 16 falling edges of SCLK. An
internal counter/decoder circuit provides a low gating signal so
that only 16 data bits are clocked into the input shift register.
After 16 SCLK pulses the internal gating signal goes inactive
(high) thus locking out any further clock pulses. Therefore ei-
ther a continuous clock or a burst clock source may be used to
clock in the data.
The
SYNC input is taken high after the complete 16-bit word is
loaded in.
The AD7849B, AD7849C and AD7849T versions are 16-bit
resolution DACS and have a straight 16-bit load format, with
the MSB (DB15) being loaded first. The AD7849A is a 14-bit
DAC but the loading structure is still 16-bit. The MSB (DB13)
is loaded first and the final two bits of the 16-bit stream must
be 0s.
There are two ways in which the DAC latch and hence the ana-
log output may be updated. The status of the
LDAC input is
examined after
SYNC is taken low. Depending on its status,
one of two update modes is selected.
If
LDAC = 0 then the automatic update mode is selected. In
this mode the DAC latch and analog output are updated auto-
matically when the last bit in the serial data stream is clocked
in. The update thus takes place on the sixteenth falling SCLK
edge.
If
LDAC = 1 then the automatic update is disabled. The DAC
latch update and output update are now separate. The DAC
latch is updated on the falling edge of
LDAC. However, the
output update is delayed for a further 5
µs by means of an inter-
nal track-and-hold amplifier in the output stage. This function
results in lower digital-to-analog glitch impulse at the DAC
output. Note that the
LDAC input must be taken back high
again before the next data transfer is initiated.
÷16
COUNTER/
DECODER
RESET EN
GATED
SIGNAL
INPUT
SHIFT REGISTER
(16 BITS)
GATED
SCLK
SDOUT
DCEN
SYNC
SCLK
AUTO-UPDATE
CIRCUITRY
SDIN
DAC LATCH
(14/16 BITS)
LDAC
CLR
Figure 13. Simplified Loading Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com