Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1150-RTY1 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 3Page - Texas Instruments CC1150-RTY1 Datasheet HTML 4Page - Texas Instruments CC1150-RTY1 Datasheet HTML 5Page - Texas Instruments CC1150-RTY1 Datasheet HTML 6Page - Texas Instruments CC1150-RTY1 Datasheet HTML 7Page - Texas Instruments CC1150-RTY1 Datasheet HTML 8Page - Texas Instruments CC1150-RTY1 Datasheet HTML 9Page - Texas Instruments CC1150-RTY1 Datasheet HTML 10Page - Texas Instruments CC1150-RTY1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
CC1150
SWRS037A
Page 7 of 60
4.2
RF Transmit Section
Tc = 25
°C, VDD = 3.0 V, if nothing else stated. All measurement results are obtained using the CC1150EM reference
design ([1] and [2]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Differential load
impedance
315 MHz
433 MHz
868/915 MHz
122 + j31
116 + j41
86.5 + j43
Differential impedance as seen from the RF-port (RF_P and
RF_N) towards the antenna. Follow the CC1150EM reference
design ([1] and [2]) available from the TI website.
Output power,
highest setting
+10
dBm
Output power is programmable, and full range is available across
all frequency bands. Output power may be restricted by regulatory
limits. See also Application Note AN039 [4] and Design Note
DN006 [5].
Delivered to a 50
Ω single-ended load via CC1150 EM reference
design ([1] and [2]) RF matching network. Maximum output power
can be increased 1-2 dB by using wire-wound inductors instead of
multilayer inductors in the balun and filter circuit for the 868/915
MHz band, see more in DN017 [6].
Output power,
lowest setting
–30
dBm
Output power is programmable, and full range is available across
all frequency bands.
Delivered to a 50
Ω single-ended load via CC1150 EM reference
design ([1] and [2]) RF matching network
Spurious emissions
and harmonics,
433/868 MHz
–36
–54
–30
dBm
dBm
dBm
25 MHz - 1 GHz
47-74, 87.5 - 118, 174 - 230, 470 - 862 MHz
Otherwise above 1 GHz
Note that close-in spurs vary with centre frequency and limits the
frequencies and output power level which the CC1150 can operate
at without violating regulatory restrictions, see more in AN039 [4].
See also section 7.5 for information regarding additional filtering.
Spurious emissions,
315/915 MHz
–49.2
–41.2
dBm
EIRP
dBm
EIRP
<200
µV/m at 3 m below 960 MHz.
<500
µV/m at 3 m above 960 MHz
Harmonics 315 MHz
–20
–41.2
dBc
dBm
2
nd, 3rd and 4th harmonic when the output power is maximum 6
mV/m at 3 m (-19.6 dBm EIRP)
5
th harmonic
Harmonics 915 MHz
–20
–41.2
dBc
dBm
2
nd harmonic with +10 dBm output power
3
rd, 4th and 5th harmonic
TX latency
8
Bits
Serial operation. Time from sampling the data on the transmitter
data input pin until it is observed on the RF output ports.
Table 5: RF Transmit Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com