Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3RL02 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments CDC3RL02 Datasheet HTML 10Page - Texas Instruments CDC3RL02 Datasheet HTML 11Page - Texas Instruments CDC3RL02 Datasheet HTML 12Page - Texas Instruments CDC3RL02 Datasheet HTML 13Page - Texas Instruments CDC3RL02 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CDC3RL02
SCHS371 – NOVEMBER 2009
www.ti.com
Output Stage
Each output drives 1.8-V LVCMOS levels. Adaptive output buffers limit the rise/fall time of the output to within 1
to 5ns with load capacitance between 10 pF and 50 pF. Fast slew rates introduce EMI into the system. Each
output buffer limits EMI by keeping the rise/fall time above 1 ns. Slow rise/fall times can induce additive phase
noise and duty cycle errors in the load device. The output buffer limits these errors by keeping the rise/fall time
below 5 ns. In addition, the output stage dynamically alters impedance based on the instantaneous voltage level
of the output. This dynamic change limits reflections keeping the output signal monotonic during transitions. Each
output is active low when not requested to avoid false clocking of the load device.
LDO
A low noise 1.8-V LDO is integrated to provide the I/O supply for the output buffers. The LDO output is externally
available to power a clock source such as a TCXO. A clean supply is provided to the clock buffers and the clock
source for optimum phase noise performance. The input range of the LDO allows the device to be powered
directly from a single cell Li battery. The LDO is enabled by either of the CLK_REQ_N signals. When disabled,
the device enters a low power shutdown mode consuming less than 1
μA from the battery. The LDO requires an
output decoupling capacitor in the range of 1
μF to 10 μF for compensation and high frequency PSR. This
capacitor must stay within the specified range over the entire operating temperature range. An input bypass
capacitor of 1
μF or larger is recommended.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com