Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM7005 Datasheet(PDF) 29 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 25Page - Texas Instruments CDCM7005_13 Datasheet HTML 26Page - Texas Instruments CDCM7005_13 Datasheet HTML 27Page - Texas Instruments CDCM7005_13 Datasheet HTML 28Page - Texas Instruments CDCM7005_13 Datasheet HTML 29Page - Texas Instruments CDCM7005_13 Datasheet HTML 30Page - Texas Instruments CDCM7005_13 Datasheet HTML 31Page - Texas Instruments CDCM7005_13 Datasheet HTML 32Page - Texas Instruments CDCM7005_13 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
In addition, the LVCMOS supports disabled-to-low and 180 degree output phase shift for each output individually.
When selecting the 180 degree phase shift together with the 90 degree phase shift, the respective outputs has a
total phase shift of 270 degree (see Table 2 ).
Table 2. LVCMOS Phase Shift Options
Phase
P-Divider
180°Phase-Shift
P16-Div - Function
Any P-Divider
No
div-by-16
90°
P16-Div
No
div-by-4 or div-by-8
180°
Any P-Divider
Yes
div-by-16
270°
P16-Div
Yes
div-by-4 or div-by-8
If the P16-Div is selected by the FB_MUX and div-by-4 or div-by-8 is active, the 90 degree phase shifted clock
will be synchronized to PRI_REF or SEC_REF. This means all outputs Yxx, which are switched to div-by-4 or
div-by-8, are in phase to PRI_REF or SEC_REF. All other outputs are 90 degree phase shifted with leading
phase.
Frequency Hold-Over Mode
The HOLD function is a useful feature which helps the designer to improve the system reliability. The HOLD
function holds the output frequency in case the input reference clock fails or is disrupted. During HOLD, the
charge pump is switched off (3-state) freezing the last valid output frequency. The hold function will be released
after a valid reference clock is back. For proper HOLD function, the analog PLL lock detect mode has to be
active.
The following register settings are involved with the HOLD function:
Lock Detect Window (Word 3, Bit 2, 3, 6): Defines the window in ns inside the lock is valid. The size is
3.5 ns, 8.5 ns, 18.5 ns, or a certain frequency offset. Lock is set if reference clock and the feedback clock are
inside this predefined lock-detect window for a pre-selected number of successive cycles or if no frequency
offset appears.
Out-of-Lock: Defines the out-of-lock condition: If the reference clock and the feedback clock at the PFD are
outside the predefined Lock Detect Window or if a certain frequency offset occurs.
Cycle-Slip (Word 3, Bit 6): A Frequency offset occurs if a certain frequency offset between reference
frequency and feedback frequency (VCXO) at PFD input is detected. The minimum detectable frequency
offset depends on the device setting and can be calculated:
foffsetPDF = fPFD - 1/(1/fPFD + PWD)
where
foffsetPFD = detectable frequency offset at PFD between the reference frequency (fREF) and feedback frequency
(fFB)
fPFD = frequency at phase-frequency detection circuitry
PWD = PFD Pulse Width Delay
(1)
Number of Clock Cycles (Word 3, Bit 4, 5): Defines the number of successive PFD cycles which have to
occur inside the lock window to set Lock detect. This applies not for out-of-lock condition.
Hold-Function (Word 3, Bit 9): Selects HOLD function (see more details below).
Hold-Trigger (Word 3, Bit 11): Defines whether the HOLD function is always activated (Bit 11 = [1]) or whether
it is dependent on the state of the analog PLL lock detect output (Bit 11 = [0]). In the latter case, HOLD is
activated, if lock is set (high) and de-activated if Lock is reset (low).
Analog PLL Lock Detect (Word 1, Bit 29): Analog lock output charges or discharges an external capacitor with
every valid lock cycle. The time constant for Lock detect can be set by the value of the capacitor.
The CDCM7005 supports two types of HOLD functions, one external controllable HOLD mode and one internal
mode, HOLD.
With the external HOLD function the charge pump can directly be switched into 3-state (pin H8 [BGA] or pin 14
[QFN] can be programmed for HOLD [Word 2, Bit 29]). This function is also available via SPI register (Word 2,
Bit 31).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com