Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCWMX Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC0832LCWMX
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWMX Datasheet(HTML) 2 Page - Texas Instruments

  DAC0832LCWMX Datasheet HTML 1Page - Texas Instruments DAC0832LCWMX Datasheet HTML 2Page - Texas Instruments DAC0832LCWMX Datasheet HTML 3Page - Texas Instruments DAC0832LCWMX Datasheet HTML 4Page - Texas Instruments DAC0832LCWMX Datasheet HTML 5Page - Texas Instruments DAC0832LCWMX Datasheet HTML 6Page - Texas Instruments DAC0832LCWMX Datasheet HTML 7Page - Texas Instruments DAC0832LCWMX Datasheet HTML 8Page - Texas Instruments DAC0832LCWMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
(Top Views)
Figure 1. PDIP, CDIP, and SOIC Packages
Figure 2. PLCC Package
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
17 VDC
Voltage at Any Digital Input
VCC to GND
Voltage at VREF Input
±25V
Storage Temperature Range
−65°C to +150°C
Package Dissipation at
500 mW
TA=25°C
(4)
DC Voltage Applied to
−100 mV to VCC
IOUT1 or IOUT2
(5)
ESD Susceptability(5)(6)
800V
Lead
PDIP Package (plastic)
260°C
Temperature
CDIP Package (ceramic)
300°C
(Soldering, 10
SOIC Package
Vapor Phase (60 sec.)
215°C
sec.)
Infrared (15 sec.)
220°C
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA or the number given in the Absolute
Maximum Ratings, whichever is lower. For this device, TJMAX = 125°C (plastic) or 150°C (ceramic), and the typical junction-to-ambient
thermal resistance of the J package when board mounted is 80°C/W. For the NFH package, this number increases to 100°C/W and for
the FN package this number is 120°C/W.
(5)
For current switching applications, both IOUT1 and IOUT2 must go to ground or the “Virtual Ground” of an operational amplifier. The
linearity error is degraded by approximately VOS ÷ VREF. For example, if VREF = 10V then a 1 mV offset, VOS, on IOUT1 or IOUT2 will
introduce an additional 0.01% linearity error.
(6)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com