Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM321MF Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM321MF
Description  LM321 Low Power Single Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM321MF Datasheet(HTML) 3 Page - Texas Instruments

  LM321MF Datasheet HTML 1Page - Texas Instruments LM321MF Datasheet HTML 2Page - Texas Instruments LM321MF Datasheet HTML 3Page - Texas Instruments LM321MF Datasheet HTML 4Page - Texas Instruments LM321MF Datasheet HTML 5Page - Texas Instruments LM321MF Datasheet HTML 6Page - Texas Instruments LM321MF Datasheet HTML 7Page - Texas Instruments LM321MF Datasheet HTML 8Page - Texas Instruments LM321MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM321
www.ti.com
SNOS935B – FEBRUARY 2001 – REVISED MARCH 2013
Electrical Characteristics
Unless otherwise specified, all limits specified for at TA = 25°C; V
+ = 5V, V− = 0V, V
O = 1.4V. Boldface limits apply at
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
VOS
Input Offset Voltage
(3)
2
7
mV
9
IOS
Input Offset Current
5
50
nA
150
IB
Input Bias Current (4)
45
250
nA
500
VCM
Input Common-Mode Voltage Range
V+ = 30V (5)
0
V+ - 1.5
V
For CMRR > = 50dB
V+ -2
AV
Large Signal Voltage Gain
(V+ = 15V, RL = 2kΩ
25
100
V/mV
VO = 1.4V to 11.4V)
15
PSRR
Power Supply Rejection Ratio
RS ≤ 10kΩ,
65
100
dB
V+
≤ 5V to 30V
CMRR
Common Mode Rejection Ratio
RS ≤ 10kΩ
65
85
dB
VO
Output Swing
VOH
V+ = 30V, RL = 2kΩ
26
V
V+ = 30V, RL = 10kΩ
27
28
VOL
V+ = 5V, RL = 10kΩ
5
20
mV
IS
Supply Current, No Load
V+ = 5V
0.430
1.15
mA
0.7
1.2
V+ = 30V
0.660
2.85
1.5
3
ISOURCE
Output Current Sourcing
VID = +1V, V
+ = 15V,
20
40
mA
VO = 2V
10
20
ISINK
Output Current Sinking
VID = −1V
10
20
V+ = 15V, VO = 2V
5
8
mA
VID = −1V
V+ = 15V, VO = 0.2V
12
100
µA
IO
Output Short Circuit to Ground
V+ = 15V
40
85
mA
(6)
SR
Slew Rate
V+ = 15V, RL = 2kΩ,
VIN = 0.5 to 3V
0.4
V/µs
CL = 100pF, Unity Gain
GBW
Gain Bandwidth Product
V+ = 30V, f = 100kHz,
VIN = 10mV, RL =2kΩ,
1
MHz
CL = 100pF
φm
Phase Margin
60
deg
THD
Total Harmonic Distortion
f = 1kHz, AV = 20dB
RL = 2kΩ, VO = 2VPP,
0.015
%
CL = 100pF, V
+ = 30V
en
Equivalent Input Noise Voltage
f = 1kHz, RS = 100Ω
40
nV/
V+ = 30V
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
VO ≅ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ - 1.5V) at 25°C.
(4)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(5)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+ - 1.5V at 25°C, but either or both inputs can go to +32V without damage,
independent of the magnitude of V+.
(6)
Short circuits from the output V+ can cause excessive heating and eventual destruction. When considering short circuits to ground the
maximum output current is approximately 40mA independent of the magnitude of V+. At values of supply voltage in excess of +15V,
continuous short circuits can exceed the power dissipation ratings and cause eventual destruction.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com