Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735XMF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2735XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
LM2735
www.ti.com
SNVS485F – JUNE 2007 – REVISED APRIL 2013
PIN DESCRIPTIONS - 5-PIN SOT-23
Pin
Name
Function
1
SW
Output switch. Connect to the inductor, output diode.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin.
3
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
4
EN
Shutdown control input. Logic high enables operation. Do not allow this pin to float or be greater than VIN + 0.3V.
5
VIN
Supply voltage for power stage, and input supply voltage.
PIN DESCRIPTIONS - 6-PIN WSON
Pin
Name
Function
1
PGND
Power ground pin. Place PGND and output capacitor GND close together.
2
VIN
Supply voltage for power stage, and input supply voltage.
3
EN
Shutdown control input. Logic high enables operation. Do not allow this pin to float or be greater than VIN + 0.3V.
4
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
5
AGND
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to this pin & pin 4.
6
SW
Output switch. Connect to the inductor, output diode.
DAP
GND
Signal & Power ground. Connect to pin 1 & pin 5 on top layer. Place 4-6 vias from DAP to bottom layer GND plane.
PIN DESCRIPTIONS - 8-PIN MSOP-PowerPAD
Pin
Name
Function
1
No Connect
2
PGND
Power ground pin. Place PGND and output capacitor GND close together.
3
VIN
Supply voltage for power stage, and input supply voltage.
4
EN
Shutdown control input. Logic high enables operation. Do not allow this pin to float or be greater than VIN + 0.3V.
5
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
6
AGND
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to this pin & pin 5
7
SW
Output switch. Connect to the inductor, output diode.
8
No Connect
DAP
GND
Signal & Power ground. Connect to pin 2 & pin 6 on top layer. Place 4-6 vias from DAP to bottom layer GND plane.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2735



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com