Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7705MMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705MMX/NOPB
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705MMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM7705MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM7705
+
-
CRES
CFLY
COUT
+ In
- In
shutdown
low voltage
amplifier
true zero
output voltage
-V
+V
+V
-0.23V
CF+
VSS
SD
VDD
VSS
VOUT
CRES
CF-
LM7705
www.ti.com
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
LM7705 Low Noise Negative Bias Generator
Check for Samples: LM7705
1
FEATURES
DESCRIPTION
The LM7705 is a switched capacitor voltage inverter
2
•
Regulated Output Voltage
−0.232V
with a low noise,
−0.23V fixed negative voltage
•
Output Voltage Tolerance 5%
regulator. This device is designed to be used with low
•
Output Voltage Ripple 4 mVPP
voltage amplifiers to enable the amplifiers output to
swing to zero volts. The
−0.23 volts is used to supply
•
Max Output Current 26 mA
the
negative
supply
pin
of
an
amplifier
while
•
Supply Voltage 3V to 5.25V
maintaining less then 5.5 volts across the amplifier.
•
Conversion Efficiency up to 98%
Rail-to-Rail output amplifiers cannot output zero volts
when operating from a single supply voltage and can
•
Quiescent Current 78 µA
result in error accumulation due to amplifier output
•
Shutdown Current 20 nA
saturation voltage being amplified by following gain
•
Turn on Time 500 µs
stages. A small negative supply voltage will prevent
the amplifiers output from saturating at zero volts and
•
Operating Temperature Range
−40°C to 125°C
will help maintain an accurate zero through a signal
•
8-Pin VSSOP Package
processing chain. Additionally, when an amplifier is
used to drive an ADC’s input, it can output a zero
APPLICATIONS
voltage signal and the full input range of an ADC can
•
True Zero Amplifier Output
be used. The LM7705 has a shutdown pin to
minimize standby power consumption
•
Portable Instrumentation
•
Low Voltage Split Power Supplies
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM7705MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7705MMX NSC-LM7705MMX Datasheet
410Kb / 16P
Low Noise Negative Bias Generator
More results

Similar Description - LM7705MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
National Semiconductor ...
LM7705 NSC-LM7705 Datasheet
410Kb / 16P
Low Noise Negative Bias Generator
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Texas Instruments
CFLM7705 TI1-CFLM7705_14 Datasheet
1Mb / 23P
Low Noise Negative Bias Generator
logo
Linear Technology
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
Low Noise Bias Generator in 2mm 2mm DFN
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Texas Instruments
LM7705 TI-LM7705_15 Datasheet
1Mb / 27P
LM7705 Low-Noise Negative Bias Generator
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
Low Noise, High Linearity, Active Bias Low Noise Amplifier
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com