Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010ASDX Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5010ASDX
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010ASDX Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5010ASDX Datasheet HTML 12Page - Texas Instruments LM5010ASDX Datasheet HTML 13Page - Texas Instruments LM5010ASDX Datasheet HTML 14Page - Texas Instruments LM5010ASDX Datasheet HTML 15Page - Texas Instruments LM5010ASDX Datasheet HTML 16Page - Texas Instruments LM5010ASDX Datasheet HTML 17Page - Texas Instruments LM5010ASDX Datasheet HTML 18Page - Texas Instruments LM5010ASDX Datasheet HTML 19Page - Texas Instruments LM5010ASDX Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
SW
FB
VOUT
R2
LM5010A
R1
C2
L1
CB
CA
RA
SW
FB
LM5010A
VOUT
Cff
R2
L1
R1
C2
R3
FB
SW
L1
C2
R3
LM5010A
R1
R2
VOUT
LM5010A
LM5010A-Q1
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
www.ti.com
Figure 15. Low Ripple Output
Where the circuit of Figure 15 is not suitable, the circuits of Figure 16 or Figure 17 can be used.
Figure 16. Low Output Ripple Using a Feed-Forward Capacitor
In Figure 16, Cff is added across R1 to AC-couple the ripple at VOUT directly to the FB pin. This allows the ripple
at VOUT to be reduced, in some cases considerably, by reducing R3. In the circuit of Figure 12, the ripple at VOUT
ranged from 50 mVp-p at VIN = 6V to 320 mVp-p at VIN = 60V. By adding a 1000 pF capacitor at Cff and
reducing R3 to 0.75
Ω, the VOUT ripple was reduced by 50%, ranging from 25 mVp-p to 160 mVp-p.
Figure 17. Low Output Ripple Using Ripple Injection
To reduce VOUT ripple further, the circuit of Figure 17 can be used. R3 has been removed, and the output ripple
amplitude is determined by C2’s ESR and the inductor ripple current. RA and CA are chosen to generate a 40-50
mVp-p sawtooth at their junction, and that voltage is AC-coupled to the FB pin via CB. In selecting RA and CA,
VOUT is considered a virtual ground as the SW pin switches between VIN and -1V. Since the on-time at SW varies
inversely with VIN, the waveform amplitude at the RA/CA junction is relatively constant. R1 and R2 must typically
be increased to more than 10k each to not significantly attenuate the signal provided to FB through CB. Typical
values for the additional components are RA = 200k, CA = 680 pF, and CB = 0.01 µF.
INCREASING THE CURRENT LIMIT THRESHOLD
The current limit threshold is nominally 1.25A, with a minimum value of 1.0A. If, at maximum load current, the
lower peak of the inductor current (IPK-in Figure 11) exceeds 1.0A, resistor RCL must be added between SGND and
ISEN to increase the current limit threshold to equal or exceed that lower peak current. This resistor diverts some
of the recirculating current from the internal sense resistor so that a higher current level is needed to switch the
internal current limit comparator. IPK-is calculated from:
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5010A LM5010A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com