Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1720E/2K Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1720E/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1720E/2K Datasheet(HTML) 2 Page - Texas Instruments

  PCM1720E/2K Datasheet HTML 1Page - Texas Instruments PCM1720E/2K Datasheet HTML 2Page - Texas Instruments PCM1720E/2K Datasheet HTML 3Page - Texas Instruments PCM1720E/2K Datasheet HTML 4Page - Texas Instruments PCM1720E/2K Datasheet HTML 5Page - Texas Instruments PCM1720E/2K Datasheet HTML 6Page - Texas Instruments PCM1720E/2K Datasheet HTML 7Page - Texas Instruments PCM1720E/2K Datasheet HTML 8Page - Texas Instruments PCM1720E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
PCM1720
2
SPECIFICATIONS
All specifications at +25
°C, +V
CC = +VDD = +5V, fS = 44.1kHz, and 16-bit input data, SYSCLK = 384fS, unless otherwise noted.
PCM1720
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
24
Bits
DATA FORMAT
Audio Data Format
Standard/I2S
Data Bit Length
16/20/24
Selectable
Sampling Frequency (fS)
Standard fS
32
44.1
48
kHz
One-half fS
16
22.05
24
kHz
Double fS
64
88.2
96
kHz
Internal System Clock Frequency
256fS/384fS
DIGITAL INPUT/OUTPUT LOGIC LEVEL
TTL
DYNAMIC PERFORMANCE(1)
THD+N at fS (0dB)
fS = 44.1kHz
–90
–80
dB
fS = 96kHz
–88
dB
THD+N at –60dB
fS = 44.1kHz
–34
dB
fS = 96kHz
–31
dB
Dynamic Range
fS = 44.1kHz
90
96
dB
fS = 96kHz
93
dB
Signal-to-Noise Ratio(2)
fS = 44.1kHz
92
100
dB
fS = 96kHz
97
dB
Channel Separation
fS = 44.1kHz
90
97
dB
DC ACCURACY
Gain Error
±1.0
±5.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±5.0
% of FSR
Bipolar Zero Error
VOUT = VCC/2 at BPZ
±30
mV
ANALOG OUTPUT
Output Voltage
Full Scale (0dB)
0.62 x VCC
Vp-p
Center Voltage
VCC/2
VDC
Load Impedance
AC Load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Passband
0.445
fS
Stopband
0.555
fS
Passband Ripple
±0.17
dB
Stopband Attenuation
–35
dB
Delay Time
11.125/fS
sec
De-emphasis Error
–0.2
+0.55
dB
INTERNAL ANALOG FILTER
–3dB Bandwidth
100
kHz
Passband Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD, VCC
4.5
5
5.5
VDC
Supply Current: ICC + IDD
VCC = VDD = 5V, fS = 44.1kHz
18
25
mA
VCC = VDD = 5V, fS = 96kHz
25
35
mA
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+100
°C
NOTES: (1) Dynamic performance specs are tested with 20kHz low pass filter and THD+N specs are tested with 30kHz LPF, 400Hz HPF, Average-Mode. (2) SNR
is tested with Infinite Zero Detection off.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com