Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072IN Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL072IN
Description  Low noise JFET dual operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072IN Datasheet(HTML) 3 Page - STMicroelectronics

  TL072IN Datasheet HTML 1Page - STMicroelectronics TL072IN Datasheet HTML 2Page - STMicroelectronics TL072IN Datasheet HTML 3Page - STMicroelectronics TL072IN Datasheet HTML 4Page - STMicroelectronics TL072IN Datasheet HTML 5Page - STMicroelectronics TL072IN Datasheet HTML 6Page - STMicroelectronics TL072IN Datasheet HTML 7Page - STMicroelectronics TL072IN Datasheet HTML 8Page - STMicroelectronics TL072IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TL072, TL072A, TL072B
Absolute maximum ratings and operating conditions
Doc ID 2298 Rev 7
3/16
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
TL072I, AI, BI
TL072C, AC,
BC
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between VCC
+ and V
CC
-.
±18
V
Vin
Input voltage (2)
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
±15
V
Vid
Differential input voltage (3)
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±30
V
Rthja
Thermal resistance junction to ambient(4)
SO-8
DIP8
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers.
125
85
°C/W
Rthjc
Thermal resistance junction to case (4)
SO-8
DIP8
40
41
°C/W
Output short-circuit duration (5)
5.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
Infinite
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(6)
6.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
1kV
MM: machine model(7)
7.
Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of pin
combinations with other pins floating.
200
V
CDM: charged device model(8)
8.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
TL072I, AI, BI
TL072C, AC,
BC
Unit
VCC
Supply voltage
6 to 36
V
Toper
Operating free-air temperature range
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com